Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADSP-BF533 Datasheet(PDF) 40 Page - Analog Devices

Part No. ADSP-BF533
Description  Blackfin Embedded Processor
Download  64 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADSP-BF533 Datasheet(HTML) 40 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
Rev. I
|
Page 40 of 64
|
August 2013
ADSP-BF531/ADSP-BF532/ADSP-BF533
General-Purpose I/O Port F Pin Cycle Timing
Universal Asynchronous Receiver-Transmitter
(UART) Ports—Receive and Transmit Timing
For information on the UART port receive and transmit opera-
tions, see the ADSP-BF533 Blackfin Processor Hardware
Reference.
Table 34. General-Purpose I/O Port F Pin Cycle Timing
VDDEXT = 1.8 V
VDDEXT = 2.5 V/3.3 V
Parameter
Min
Max
Min
Max
Unit
Timing Requirement
tWFI
GPIO Input Pulse Width
tSCLK + 1
tSCLK + 1
ns
Switching Characteristic
tGPOD
GPIO Output Delay from CLKOUT Low
6
6
ns
Figure 29. GPIO Cycle Timing
CLKOUT
GPIO OUTPUT
GPIO INPUT
tWFI
tGPOD


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn