Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADSP-BF533 Datasheet(PDF) 39 Page - Analog Devices

Part No. ADSP-BF533
Description  Blackfin Embedded Processor
Download  64 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADSP-BF533 Datasheet(HTML) 39 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
ADSP-BF531/ADSP-BF532/ADSP-BF533
Rev. I
|
Page 39 of 64
|
August 2013
Serial Peripheral Interface (SPI) Port—Slave Timing
Table 33. Serial Peripheral Interface (SPI) Port—Slave Timing
VDDEXT = 1.8 V
LQFP/PBGA Packages
VDDEXT = 1.8 V
CSP_BGA Package
VDDEXT = 2.5 V/3.3 V
All Packages
Parameter
Min
Max
Min
Max
Min
Max
Unit
Timing Requirements
tSPICHS Serial Clock High Period
2 × tSCLK –1.5
2 × tSCLK –1.5
2 × tSCLK –1.5
ns
tSPICLS
Serial Clock Low Period
2 × tSCLK –1.5
2 × tSCLK –1.5
2 × tSCLK –1.5
ns
tSPICLK Serial Clock Period
4 × tSCLK
4 × tSCLK
4 × tSCLK
ns
tHDS
Last SCK Edge to SPISS Not Asserted
2 × tSCLK –1.5
2 × tSCLK –1.5
2 × tSCLK –1.5
ns
tSPITDS Sequential Transfer Delay
2 × tSCLK –1.5
2 × tSCLK –1.5
2 × tSCLK –1.5
ns
tSDSCI
SPISS Assertion to First SCK Edge
2 × tSCLK –1.5
2 × tSCLK –1.5
2 × tSCLK –1.5
ns
tSSPID
Data Input Valid to SCK Edge (Data Input Setup) 1.6
1.6
1.6
ns
tHSPID
SCK Sampling Edge to Data Input Invalid
1.6
1.6
1.6
ns
Switching Characteristics
tDSOE
SPISS Assertion to Data Out Active
0
10
0
9
0
8
ns
tDSDHI
SPISS Deassertion to Data High Impedance
0
10
0
9
0
8
ns
tDDSPID SCK Edge to Data Out Valid (Data Out Delay)
10
10
10
ns
tHDSPID SCK Edge to Data Out Invalid (Data Out Hold)
0
0
0
ns
Figure 28. Serial Peripheral Interface (SPI) Port—Slave Timing
tSPICLK
tHDS
tSPITDS
tSDSCI
tSPICLS
tSPICHS
tDSOE
tDDSPID
tDDSPID
tDSDHI
tHDSPID
tSSPID
tDSDHI
tHDSPID
tDSOE
tHSPID
tSSPID
tDDSPID
SPIxSS
(INPUT)
SPIxSCK
(INPUT)
SPIxMISO
(OUTPUT)
SPIxMOSI
(INPUT)
SPIxMISO
(OUTPUT)
SPIxMOSI
(INPUT)
CPHA = 1
CPHA = 0
tHSPID


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn