Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1073ARUZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADM1073ARUZ
Description  Full-Feature ??8 V Hot Swap Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1073ARUZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM1073ARUZ Datasheet HTML 3Page - Analog Devices ADM1073ARUZ Datasheet HTML 4Page - Analog Devices ADM1073ARUZ Datasheet HTML 5Page - Analog Devices ADM1073ARUZ Datasheet HTML 6Page - Analog Devices ADM1073ARUZ Datasheet HTML 7Page - Analog Devices ADM1073ARUZ Datasheet HTML 8Page - Analog Devices ADM1073ARUZ Datasheet HTML 9Page - Analog Devices ADM1073ARUZ Datasheet HTML 10Page - Analog Devices ADM1073ARUZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADM1073
Rev. B | Page 7 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADM1073
TOP VIEW
(Not to Scale)
RESTART
1
VIN 2
PWRGD 3
SS
4
SENSE
5
SHDN
TIMER
UV
OV
DRAIN
14
13
12
11
10
VEE 6
LATCHED
7
GATE
SPLYGD
9
8
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin Number
Mnemonic
Function
1
RESTART
Input Pin. Edge-triggered 5-second shutdown and automatic restart.
2
VIN
Shunt Regulated Positive Supply to Chip. Connect to the positive supply rail via shunt resistor. A 1 µF
capacitor to VEE is recommended on the VIN pin.
3
PWRGD
Open Drain Output. Signals that the hot swap is complete.
4
SS
Analog Pin for Soft Start. An external capacitor on this pin sets the ramp rate of the inrush current
profile. This pin can be overdriven to alter the current limit control loop threshold.
5
SENSE
Voltage Input from External Sense Resistor.
6
VEE
Ground Supply to Chip (usually a −48 V system supply). Also low-side sense resistor connection.
7
LATCHED
Open Drain Output. Signals the end of the PWM retry period after a current fault.
8
SPLYGD
Open Drain Output. Signals that the device is not in reset and that the supply is in operating voltage
window.
9
GATE
Output to External FET Gate Drive.
10
DRAIN
Analog Input for Monitoring of FET Drain Voltage.
11
OV
Input Pin for Overvoltage Detection Circuitry.
12
UV
Input Pin for Undervoltage Detection Circuitry.
13
TIMER
Analog Pin. An external capacitor on this pin sets the maximum allowable time in current limit, the
PWM on-time, and the PWM duty cycle.
14
SHDN
Input Pin. Level-triggered device shutdown and reset.


Similar Part No. - ADM1073ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1073ARUZ-REEL AD-ADM1073ARUZ-REEL Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1073ARUZ-REEL7 AD-ADM1073ARUZ-REEL7 Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
More results

Similar Description - ADM1073ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1073 AD-ADM1073 Datasheet
305Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. 0
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1073 AD-ADM1073_15 Datasheet
376Kb / 24P
   Full-Feature 48 V Hot Swap Controller
REV. B
logo
Texas Instruments
TPS23521 TI1-TPS23521 Datasheet
719Kb / 29P
[Old version datasheet]   ??8 V High Performance Hot Swap Controller
logo
Analog Devices
ADM1075 AD-ADM1075 Datasheet
745Kb / 52P
   ??8 V Hot Swap Controller and Digital
REV. A
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com