Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADN2850BCPZ250 Datasheet(PDF) 25 Page - Analog Devices

Part No. ADN2850BCPZ250
Description  Nonvolatile Memory, Dual 1024-Position Digital Resistor
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADN2850BCPZ250 Datasheet(HTML) 25 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Data Sheet
ADN2850
Rev. E | Page 25 of 28
OUTLINE DIMENSIONS
COMPLIANT
TO JEDEC STANDARDS MO-220-VGGC
1
0.80
BSC
PIN 1
INDICATOR
2.40 REF
0.75
0.60
0.50
TOP VIEW
12° MAX
0.80 MAX
0.65 TYP
SEATING
PLANE
COPLANARITY
0.08
1.00
0.85
0.80
0.35
0.30
0.25
0.05 MAX
0.02 NOM
0.20 REF
3.25
3.10 SQ
2.95
16
5
13
8
9
12
4
0.60 MAX
0.60 MAX
PIN 1
INDICATOR
5.10
5.00 SQ
4.90
4.75 BSC
SQ
EXPOSED
PAD
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.25 MIN
BOTTOM VIEW
Figure 44. 16-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
5 × 5 mm Body, Very Thin Quad
(CP-16-6)
Dimensions shown in millimeters
16
9
8
1
PIN 1
SEATING
PLANE
4.50
4.40
4.30
6.40
BSC
5.10
5.00
4.90
0.65
BSC
0.15
0.05
1.20
MAX
0.20
0.09
0.75
0.60
0.45
0.30
0.19
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153-AB
Figure 45. 16-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-16)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
RWB (kΩ)
Temperature Range
Package Description
Package Option
ADN2850BRUZ25
25
−40°C to +85°C
16-Lead TSSOP
RU-16
ADN2850BRUZ25-RL7
25
−40°C to +85°C
16-Lead TSSOP
RU-16
ADN2850BCPZ25
25
−40°C to +85°C
16-Lead LFCSP_VQ
CP-16-6
ADN2850BCPZ25-RL7
25
−40°C to +85°C
16-Lead LFCSP_VQ
CP-16-6
ADN2850BCPZ250
250
−40°C to +85°C
16-Lead LFCSP_VQ
CP-16-6
ADN2850BCPZ250-RL7
250
−40°C to +85°C
16-Lead LFCSP_VQ
CP-16-6
EVAL-ADN2850SDZ
Evaluation Board
1
Z = RoHS Compliant Part.
2
The evaluation board is shipped with the 25 kΩ RWB resistor option; however, the board is compatible with all available resistor value options.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn