Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADN2850BCPZ250 Datasheet(PDF) 23 Page - Analog Devices

Part No. ADN2850BCPZ250
Description  Nonvolatile Memory, Dual 1024-Position Digital Resistor
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADN2850BCPZ250 Datasheet(HTML) 23 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
ADN2850
Rev. E | Page 23 of 28
where:
IS1 and IS2 are saturation current.
V1, V2 are VBE, base-emitted voltages of the diode connector
transistors.
VT is the thermal voltage, which is equal to k × T/q
(VT = 26 mV @ 25°C)
k is the Boltzmann’s constant, 1.38e-23 Joules/Kelvin.
q is the electron charge, 1.6e-19 coulomb.
T is the temperature in Kelvin.
IPD is the photodiode current.
IREF is the reference current.
Figure 38 shows a conceptual circuit.
LPF
0.75 BIT RATE
TIA
AD623
IN AMP
10nF
CDR
POST
AMP
VT COMPENSATION
ADN2850
LOG
AVERAGE
POWER
W1
B1
B2
VDD
VSS
IPD
IREF
RG
W2
V1
V2
Q1
Q2
°C
PRC
THERMISTOR
DATA
CLOCK
LOG AMP
GND
–5V
(1 + 100k/RG)×(V1 –V2)
Figure 38. Conceptual Incoming Optical Power Monitoring Circuit
The output voltage represents the average incoming optical
power. The output voltage of the log stage does not have to be
accurate from device to device, as the responsivity of the
photodiode will change between devices. An op amp stage is
shown after the log amp stage, which compensates for VT
variation over temperature.
Equation 19 is ideal. If the reference current is 1 mA at room
temperature, characterization shows that there is an additional
30 mV offset between V2 and V1. A curve fit approximation
yields
03
.
0
001
.
0
ln
026
.
0
1
2
PD
I
V
V
(19)
The offset is caused by the transistors self-heating and the
thermal gradient effect. As seen in Figure 39, the error between
an approximation and the actual performance ranges is less
than 0% to –4% from 0.1 mA to 0.1 μA.
0.30
0.25
0.20
0.15
0.10
0.05
0
12
9
ERROR
6
3
0
–3
–6
0.1µ
10µ
100µ
1m
IPD (A)
IREF =1mA
TA = 25°C
DEVICE 1
DEVICE 2
DEVICE 3
CURVE FIT
Figure 39. V2 – V1 Error Versus Input Current.
RESISTANCE SCALING
The ADN2850 offers 25 kΩ or 250 kΩ nominal resistance.
When users need lower resistance but must maintain the
number of adjustment steps, they can parallel multiple devices. For
example, Figure 40 shows a simple scheme of paralleling two
channels of RDACs. To adjust half the resistance linearly per
step, program both RDACs concurrently with the same settings.
B1
W1
W2
B2
Figure 40. Reduce Resistance by Half with Linear Adjustment Characteristics
Figure 40 shows that the digital rheostat change steps linearly.
Alternatively, pseudo log taper adjustment is usually preferred in
applications such as audio control. Figure 41 shows another type
of resistance scaling. In this configuration, the smaller the R2
with respect to RAB, the more the pseudo log taper characteristic
of the circuit behaves.
B1
W1
R
Figure 41. Resistor Scaling with Pseudo Log Adjustment Characteristics
The equation is approximated as
R
R
R
R
WB
WB
QUIVALENT
1024
200
,
51
200
,
51
E
(17)
Users should also be aware of the need for tolerance matching
as well as for temperature coefficient matching of the components.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn