Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADN2850BCPZ250 Datasheet(PDF) 13 Page - Analog Devices

Part No. ADN2850BCPZ250
Description  Nonvolatile Memory, Dual 1024-Position Digital Resistor
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADN2850BCPZ250 Datasheet(HTML) 13 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
ADN2850
Rev. E | Page 13 of 28
THEORY OF OPERATION
The ADN2850 digital programmable resistor is designed to
operate as a true variable resistor. The resistor wiper position is
determined by the RDAC register contents. The RDAC register
acts as a scratchpad register, allowing unlimited changes of
resistance settings. The scratchpad register can be programmed
with any position setting using the standard SPI serial interface by
loading the 24-bit data-word. In the format of the data-word, the
first four bits are commands, the following four bits are addresses,
and the last 16 bits are data. When a specified value is set, this
value can be stored in a corresponding EEMEM register. During
subsequent power-ups, the wiper setting is automatically loaded to
that value.
Storing data to the EEMEM register takes about 15ms and
consumes approximately 2 mA. During this time, the shift
register is locked, preventing any changes from taking place.
The RDY pin pulses low to indicate the completion of this
EEMEM storage. There are also 13 addresses with two bytes
each of user-defined data that can be stored in the EEMEM
register from Address 2 to Address 14.
The following instructions facilitate the programming needs of
the user (see Table 8 for details):
0. Do nothing.
1. Restore EEMEM content to RDAC.
2. Store RDAC setting to EEMEM.
3. Store RDAC setting or user data to EEMEM.
4. Decrement by 6 dB.
5. Decrement all by 6 dB.
6. Decrement by one step.
7. Decrement all by one step.
8. Reset EEMEM content to RDAC.
9. Read EEMEM content from SDO.
10. Read RDAC wiper setting from SDO.
11. Write data to RDAC.
12. Increment by 6 dB.
13. Increment all by 6 dB.
14. Increment by one step.
15. Increment all by one step.
Table 14 to Table 20 provide programming examples that use
some of these commands.
SCRATCHPAD AND EEMEM PROGRAMMING
The scratchpad RDAC register directly controls the position of
the digital resistor wiper. For example, when the scratchpad register
is loaded with all 0s, the wiper is connected to Terminal B of the
variable resistor. The scratchpad register is a standard logic
register with no restriction on the number of changes allowed,
but the EEMEM registers have a program erase/write cycle
limitation.
BASIC OPERATION
The basic mode of setting the variable resistor wiper position
(programming the scratchpad register) is accomplished by
loading the serial data input register with Instruction 11 (0xB),
Address 0, and the desired wiper position data. When the proper
wiper position is determined, the user can load the serial data
input register with Instruction 2 (0x2), which stores the wiper
position data in the EEMEM register. After 15 ms, the wiper
position is permanently stored in nonvolatile memory.
Table 6 provides a programming example listing the sequence of
the serial data input (SDI) words with the serial data output
appearing at the SDO pin in hexadecimal format.
Table 6. Write and Store RDAC Settings to EEMEM Registers
SDI
SDO
Action
0xB00100
0xXXXXXX
Writes data 0x100 to the RDAC1 register,
Wiper W1 moves to 1/4 full-scale position.
0x20XXXX
0xB00100
Stores RDAC1 register content into the
EEMEM1 register.
0xB10200
0x20XXXX
Writes Data 0x200 to the RDAC2 register,
Wiper W2 moves to 1/2 full-scale position.
0x21XXXX
0xB10200
Stores RDAC2 register contents into the
EEMEM2 register.
At system power-on, the scratchpad register is automatically
refreshed with the value previously stored in the corresponding
EEMEM register. The factory-preset EEMEM value is midscale.
The scratchpad register can also be refreshed with the contents
of the EEMEM register in three different ways. First, executing
Instruction 1 (0x1) restores the corresponding EEMEM value.
Second, executing Instruction 8 (0x8) resets the EEMEM values
of both channels. Finally, pulsing the
EE
AA
pin refreshes both
EEMEM settings. Operating the hardware control
AA
PREE
AA
function
requires a complete pulse signal. When
AA
PREE
AA
goes low, the internal
logic sets the wiper at midscale. The EEMEM value is not
loaded until
AA
PREE
AA
returns high.
PR


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn