Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN2850BRUZ25 Datasheet(PDF) 24 Page - Analog Devices

Part # ADN2850BRUZ25
Description  Nonvolatile Memory, Dual 1024-Position Digital Resistor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2850BRUZ25 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADN2850BRUZ25 Datasheet HTML 20Page - Analog Devices ADN2850BRUZ25 Datasheet HTML 21Page - Analog Devices ADN2850BRUZ25 Datasheet HTML 22Page - Analog Devices ADN2850BRUZ25 Datasheet HTML 23Page - Analog Devices ADN2850BRUZ25 Datasheet HTML 24Page - Analog Devices ADN2850BRUZ25 Datasheet HTML 25Page - Analog Devices ADN2850BRUZ25 Datasheet HTML 26Page - Analog Devices ADN2850BRUZ25 Datasheet HTML 27Page - Analog Devices ADN2850BRUZ25 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADN2850
Data Sheet
Rev. E | Page 24 of 28
RESISTANCE TOLERANCE, DRIFT, AND
TEMPERATURE COEFFICIENT MISMATCH
CONSIDERATIONS
In operation, such as gain control, the tolerance mismatch
between the digital resistor and the discrete resistor can cause
repeatability issues among various systems (see Figure 42).
Because of the inherent matching of the silicon process, it is
practical to apply the dual-channel device in this type of
application. As such, R1 can be replaced by one of the channels
of the digital resistor and programmed to a specific value. R2 can
be used for the adjustable gain. Although it adds cost, this approach
minimizes the tolerance and temperature coefficient mismatch
between R1 and R2. This approach also tracks the resistance
drift over time. As a result, these less than ideal parameters
become less sensitive to system variations.
AD8601
+
Vi
U1
VO
C1
B
W
R2
R1*
* REPLACED WITH ANOTHER
CHANNEL OF RDAC
Figure 42. Linear Gain Control with Tracking Resistance Tolerance,
Drift, and Temperature Coefficient
RDAC CIRCUIT SIMULATION MODEL
The internal parasitic capacitances and the external capacitive
loads dominate the ac characteristics of the RDACs. A parasitic
simulation model is shown in Figure 43.
RDAC
25kΩ
W
80pF
CB
11pF
B
Figure 43. RDAC Circuit Simulation Model (RDAC = 25 kΩ)
The following code provides a macro model net list for the
25 kΩ RDAC:
.PARAM D = 1024, RDAC = 25E3
*
.SUBCKT DPOT ( W, B)
*
CW
W
0
80E-12
RWB W
B
{D/1024 * RDAC + 50}
CB
B
0
11E-12
*
.ENDS DPOT


Similar Part No. - ADN2850BRUZ25

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2850BRUZ25 AD-ADN2850BRUZ25 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
More results

Similar Description - ADN2850BRUZ25

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
ADN2850 AD-ADN2850 Datasheet
481Kb / 20P
   Nonvolatile Memory, Dual 1024 Position Programmable Resistors
REV. B
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com