Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADN2850BRUZ25 Datasheet(PDF) 20 Page - Analog Devices

Part No. ADN2850BRUZ25
Description  Nonvolatile Memory, Dual 1024-Position Digital Resistor
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADN2850BRUZ25 Datasheet(HTML) 20 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADN2850
Data Sheet
Rev. E | Page 20 of 28
Table 17. Using Left-Shift by One to Increment 6 dB Steps
SDI
SDO
Action
0xC0XXXX
0xXXXXXX
Moves Wiper 1 to double the
present data contained in the
RDAC1 register.
0xC1XXXX
0xC0XXXX
Moves Wiper 2 to double the
present data contained in the
RDAC2 register.
Table 18. Storing Additional User Data in EEMEM
SDI
SDO
Action
0x32AAAA
0xXXXXXX
Stores Data 0xAAAA in the extra
EEMEM location USER1. (Allowable to
address in 13 locations with a
maximum of 16 bits of data.)
0x335555
0x32AAAA
Stores Data 0x5555 in the extra
EEMEM location USER2. (Allowable to
address in 13 locations with a
maximum of 16 bits of data.)
Table 19. Reading Back Data from Memory Locations
SDI
SDO
Action
0x92XXXX
0xXXXXXX
Prepares data read from USER1
EEMEM location.
0x00XXXX
0x92AAAA
NOP Instruction 0 sends a 24-bit word
out of SDO, where the last 16 bits
contain the contents in USER1 EEMEM
location.
Table 20. Reading Back Wiper Settings
SDI
SDO
Action
0xB00200
0xXXXXXX
Writes RDAC1 to midscale.
0xC0XXXX
0xB00200
Doubles RDAC1 from midscale to full
scale.
0xA0XXXX
0xC0XXXX
Prepares reading wiper setting from
RDAC1 register.
0xXXXXXX
0xA003FF
Reads back full-scale value from SDO.
EVAL-ADN2850SDZ EVALUATION KIT
Analog Devices, Inc., offers a user-friendly EVAL-
ADN2850SDZ evaluation kit that can be controlled by a PC in
conjunction with the DSP platform. The driving program is
self-contained; no programming languages or skills are needed.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn