Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADN2850BRUZ25 Datasheet(PDF) 16 Page - Analog Devices

Part No. ADN2850BRUZ25
Description  Nonvolatile Memory, Dual 1024-Position Digital Resistor
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADN2850BRUZ25 Datasheet(HTML) 16 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADN2850
Data Sheet
Rev. E | Page 16 of 28
In Table 7, command bits are C0 to C3, address bits are A0 to A3, Data Bit D0 to Data Bit D9 are applicable to RDAC, and D0 to D15 are
applicable to EEMEM.
Table 7. 24-Bit Serial Data-Word
MSB
Command Byte 0
Data Byte 1
Data Byte 0
LSB
RDAC
C3
C2
C1
C0
0
0
0
A0
X
X
X
X
X
X
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
EEMEM
C3
C2
C1
C0
A3
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Command instruction codes are defined in Table 8.
Table 8. Command Operation Truth Table
17F
1,
18F
2,
19F
3
Command
Number
Command Byte 0
Data Byte 1
Data Byte 0
Operation
B23
B16
B15
B8
B7
B0
C3
C2
C1
C0
A3
A2
A1
A0
X
D9
D8
D7
D0
0
0
0
0
0
X
X
X
X
X
X
X
X
X
NOP. Do nothing. See
Table 19
1
0
0
0
1
0
0
0
A0
X
X
X
X
X
Restore EEMEM (A0) contents to RDAC (A0)
register. See Table 16.
2
0
0
1
0
0
0
0
A0
X
X
X
X
X
Store wiper setting. Store RDAC (A0) setting to
EEMEM (A0). See Table 15.
3
20F
4
0
0
1
1
A3
A2
A1
A0
D15
D8
D7
D0
Store contents of Serial Register Data Byte 0 and
Serial Register Data Bytes 1 (total 16 bits) to
EEMEM (ADDR). See Table 18.
4
21F
5
0
1
0
0
0
0
0
A0
X
X
X
X
X
Decrement by 6 dB. Right-shift contents of RDAC
(A0) register, stop at all 0s.
55
0
1
0
1
X
X
X
X
X
X
X
X
X
Decrement all by 6 dB. Right-shift contents of all
RDAC registers, stop at all 0s.
65
0
1
1
0
0
0
0
A0
X
X
X
X
X
Decrement contents of RDAC (A0) by 1, stop at
all 0s.
75
0
1
1
1
X
X
X
X
X
X
X
X
X
Decrement contents of all RDAC registers by 1,
stop at all 0s.
8
1
0
0
0
0
0
0
0
X
X
X
X
X
Reset. Refresh all RDACs with their corresponding
EEMEM previously stored values.
9
1
0
0
1
A3
A2
A1
A0
X
X
X
X
X
Read contents of EEMEM (ADDR) from SDO
output in the next frame. See
Table 19.
10
1
0
1
0
0
0
0
A0
X
X
X
X
X
Read RDAC wiper setting from SDO output in the
next frame. See Table 20.
11
1
0
1
1
0
0
0
A0
X
D9
D8
D7
D0
Write contents of Serial Register Data Byte 0 and
Serial Register Data Byte 1 (total 10 bits) to RDAC
(A0). See Table 14.
125
1
1
0
0
0
0
0
A0
X
X
X
X
X
Increment by 6 dB: Left-shift contents of RDAC (A0),
stop at all 1s. See
Table 17.
135
1
1
0
1
X
X
X
X
X
X
X
X
X
Increment all by 6 dB. Left-shift contents of all
RDAC registers, stop at all 1s.
145
1
1
1
0
0
0
0
A0
X
X
X
X
X
Increment contents of RDAC (A0) by 1, stop at all
1s. See Table 15.
155
1
1
1
1
X
X
X
X
X
X
X
X
X
Increment contents of all RDAC registers by 1,
stop at all 1s.
1
The SDO output shifts out the last 24 bits of data clocked into the serial register for daisy-chain operation. Exception: for any instruction following Instruction 9 or
Instruction 10, the selected internal register data is present in Data Byte 0 and Data Byte 1. The instructions following Instruction 9 and Instruction 10 must also be a
full 24-bit data-word to completely clock out the contents of the serial register.
2
The RDAC register is a volatile scratchpad register that is refreshed at power-on from the corresponding nonvolatile EEMEM register.
3
Execution of these operations takes place when the CS strobe returns to logic high.
4
Instruction 3 writes two data bytes (16 bits of data) to EEMEM. In the case of Address 0 and Address 1, only the last 10 bits are valid for wiper position setting.
5
The increment, decrement, and shift instructions ignore the contents of the shift register, Data Byte 0 and Data Byte 1.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn