Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TIL111 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. TIL111
Description  GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIL111 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  TIL111 Datasheet HTML 1Page - Fairchild Semiconductor TIL111 Datasheet HTML 2Page - Fairchild Semiconductor TIL111 Datasheet HTML 3Page - Fairchild Semiconductor TIL111 Datasheet HTML 4Page - Fairchild Semiconductor TIL111 Datasheet HTML 5Page - Fairchild Semiconductor TIL111 Datasheet HTML 6Page - Fairchild Semiconductor TIL111 Datasheet HTML 7Page - Fairchild Semiconductor TIL111 Datasheet HTML 8Page - Fairchild Semiconductor TIL111 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
6/30/03
GENERAL PURPOSE 6-PIN
PHOTOTRANSISTOR OPTOCOUPLERS
Page 4 of 14
© 2003 Fairchild Semiconductor Corporation
TIL111
TIL111-M
TIL117-M
MOC8100-M
* Typical values at TA = 25°C
TRANSFER CHARACTERISTICS (TA = 25°C Unless otherwise specified.)
DC Characteristic
Test Conditions
Symbol
Device
Min
Typ*
Max
Unit
Current Transfer Ratio,
Collector to Emitter
(IF = 10 mA, VCE = 10 V)
CTRCE
TIL117-M
50
%
(IF = 1 mA, VCE = 5 V)
MOC8100-M
50
%
(IF = 1 mA, VCE = 5 V, TA = 0 to +70°C)
30
On-State Collector Current
(Phototransistor Operation)
(IF = 16 mA, VCE = 0.4 V)
IC(ON)
TIL111
TIL111-M
2mA
On-State Collector Current
(Photodiode Operation)
(IF = 16 mA, VCB = 0.4V)
7
µA
Collector-Emitter Saturation
Voltage
(IC = 500 µA, IF = 10 mA)
VCE (SAT)
TIL117-M
0.4
V
(IC = 2 mA, IF = 16 mA)
TIL111
TIL111-M
0.4
(IC = 100 µA, IF = 1 mA)
MOC8100-M
0.5
AC Characteristic
Turn-On Time
(IC = 2 mA, VCC = 10 V,
RL = 100Ω) (Fig. 20)
TON
MOC8100-M
20
µs
TIL117-M
10
Turn-Off Time
TOFF
MOC8100-M
20
µs
TIL117-M
10
Rise Time
tr
MOC8100-M
TIL117-M
2
µs
Fall Time
tf
2
Rise Time
(Phototransistor Operation)
(IC(ON) = 2 mA, VCC = 10 V,
RL = 100Ω) (Fig. 20)
tr
TIL111
TIL111-M
10
µs
Fall Time
(Phototransistor Operation)
tf


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MOC8204GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
4N25GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
TIL111MGENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
4N25GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
4N29GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS 1 2 3 4 5 MoreQT Optoelectronics
4N29GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
FPT100General Purpose Silicon Planar Phototransistor 1 Fairchild Semiconductor
CNX82AW6-pin phototransistor optocouplers 1 2 3 4 QT Optoelectronics
SL55006-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
CNX35U6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn