Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM203 Datasheet(PDF) 2 Page - Analog Devices

Part No. ADM203
Description  High-Speed, 5 V, 0.1 uF CMOS RS-232 Driver/Receivers
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

ADM203 Datasheet(HTML) 2 Page - Analog Devices

  ADM203 Datasheet HTML 1Page - Analog Devices ADM203 Datasheet HTML 2Page - Analog Devices ADM203 Datasheet HTML 3Page - Analog Devices ADM203 Datasheet HTML 4Page - Analog Devices ADM203 Datasheet HTML 5Page - Analog Devices ADM203 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
REV. A
–2–
ADM202/ADM203–SPECIFICATIONS
(VCC = 5 V
10%, (ADM202 C1–C4 = 0.1
F). All Specifications
TMIN to TMAX, unless otherwise noted)
Parameter
Min
Typ
Max
Unit
Conditions/Comments
Output Voltage Swing
±5
±9V
VCC = 5 V
± 5%, T1OUT, T2OUT Loaded with
3 k
Ω to GND
Output Voltage Swing
±5
±9V
VCC = 5 V
± 10%, T
A = 25
°C, T1
OUT, T2OUT
Loaded with 3 k
Ω to GND
VCC Power Supply Current
2.5
6.0
mA
No Load, T1IN, T2IN = VCC or T1IN,
T2IN = GND
Input Logic Threshold Low, VINL
0.8
V
TIN
Input Logic Threshold High, VINH
2.4
V
TIN
Logic Pull-Up Current
12
25
µAT
IN = 0 V
RS-232 Input Voltage Range
–30
+30
V
RS-232 Input Threshold Low
0.8
1.2
V
RS-232 Input Threshold High
1.6
2.4
V
RS-232 Input Hysteresis
0.2
0.4
1.0
V
RS-232 Input Resistance
3
5
7
k
TA = 0
°C to 85°C
TTL/CMOS Output Voltage Low, VOL
0.4
V
IOUT = 1.6 mA
TTL/CMOS Output Voltage High, VOH
3.5
V
IOUT = –1.0 mA
Propagation Delay
0.3
5
µs
RS-232 to TTL
Transition Region Slew Rate
8
V/
µsR
L = 3 k
Ω, C
L= 1000 pF
Measured from +3 V to –3 V or –3 V to +3 V
Baud Rate
120
kB
RL = 3 k
Ω, C
L = 1 nF
Output Resistance
300
VCC = V+ = V– = 0 V, VOUT =
±2 V
RS-232 Output Short Circuit Current
±10
±60
mA
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
°C unless otherwise noted)
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
V+ . . . . . . . . . . . . . . . . . . . . . . . . . . . . (VCC – 0.3 V) to +14 V
V– . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –14 V
Input Voltages
TIN . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to (VCC + 0.3 V)
RIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±30 V
Output Voltages
TOUT . . . . . . . . . . . . . . . . . . . (V+, +0.3 V) to (V–, – 0.3 V)
ROUT . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to (VCC + 0.3 V)
Short Circuit Duration
TOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous
Power Dissipation
N-16 DIP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 470 mW
R-16N SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 600 mW
R-16W SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500 mW
N-20 DIP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 890 mW
Thermal Impedance
N-16 DIP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 135
°C/W
R-16N SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 105
°C/W
R-16W SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 105
°C/W
N-20 DIP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 125
°C/W
Operating Temperature Range
Commercial (J Version) . . . . . . . . . . . . . . . . . . 0
°C to 70°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >2000 V
*This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operation sections of this specifica-
tion is not implied. Exposure to absolute maximum rating conditions for extended
periods of time may affect reliability.
ORDERING GUIDE
Model
Temperature Range
Package Option
ADM202JN
0
°C to 70°C
N-16
ADM202JRN
0
°C to 70°C
R-16N
ADM202JRW
0
°C to 70°C
R-16W
ADM203JN
0
°C to 70°C
N-20


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn