Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDC1044A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # TDC1044A
Description  Monolithic Video A/D Converter 4-Bit, 25 Msps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TDC1044A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  TDC1044A Datasheet HTML 1Page - Fairchild Semiconductor TDC1044A Datasheet HTML 2Page - Fairchild Semiconductor TDC1044A Datasheet HTML 3Page - Fairchild Semiconductor TDC1044A Datasheet HTML 4Page - Fairchild Semiconductor TDC1044A Datasheet HTML 5Page - Fairchild Semiconductor TDC1044A Datasheet HTML 6Page - Fairchild Semiconductor TDC1044A Datasheet HTML 7Page - Fairchild Semiconductor TDC1044A Datasheet HTML 8Page - Fairchild Semiconductor TDC1044A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TDC1044A
PRODUCT SPECIFICATION
4
Pin Descriptions
Pin Name
Pin Number
Value
Description
DIP
PLCC
Power
VCC
10
13
+5.0V
Positive Supply Voltage
VEE
6
8
-5.2V
Negative Supply Voltage
DGND
11
14
0.0V
Digital Ground
AGND
1
1
0.0V
Analog Ground
Reference
RT
4
4
0.0V
Reference Resistor, Top
RM
8
11
-0.5V
Reference Resistor, Middle
RB
5
7
-1.0V
Reference Resistor, Bottom
Control
NMINV
9
12
TTL
Not MSB Invert
NLINV
7
10
TTL
Not LSB Invert
Convert
CONV
16
20
TTL
Convert
Analog Input
VIN
2
2
0V to -1V
Analog Input Signal
Output
D1
12
15
TTL
MSB Output
D2
13
16
TTL
D3
14
17
TTL
D4
15
18
TTL
LSB Output
NC
3
3, 5, 6, 9, 19
AGND
No Connect


Similar Part No. - TDC1044A

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TDC104035NSE-F CDE-TDC104035NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
TDC104035NSE-F CDE-TDC104035NSE-F Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
TDC104050NSE-F CDE-TDC104050NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
TDC104050NSE-F CDE-TDC104050NSE-F Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
More results

Similar Description - TDC1044A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9225ARZ AD-AD9225ARZ Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD9225 AD-AD9225_03 Datasheet
460Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. B
AD9225 AD-AD9225 Datasheet
321Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225_15 Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
logo
Intersil Corporation
HI3304 INTERSIL-HI3304 Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
HI3304 INTERSIL-HI3304_02 Datasheet
289Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
logo
Analog Devices
AD9032 AD-AD9032_15 Datasheet
253Kb / 8P
   12-Bit 25 MSPS A/D Converter
REV. 0
logo
Intersil Corporation
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
   8-Bit, 35 MSPS, Video A/D Converter
August 1997
logo
Cadeka Microcircuits LL...
TMC1175A CADEKA-TMC1175A Datasheet
467Kb / 18P
   Video A/D Converter 8 bit, 40 Msps
logo
Renesas Technology Corp
HI1179 RENESAS-HI1179 Datasheet
721Kb / 15P
   8-Bit, 35 MSPS, Video A/D Converter
October 25, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com