Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3490ECSA-T Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX3490ECSA-T
Description  3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3490ECSA-T Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX3490ECSA-T Datasheet HTML 8Page - Maxim Integrated Products MAX3490ECSA-T Datasheet HTML 9Page - Maxim Integrated Products MAX3490ECSA-T Datasheet HTML 10Page - Maxim Integrated Products MAX3490ECSA-T Datasheet HTML 11Page - Maxim Integrated Products MAX3490ECSA-T Datasheet HTML 12Page - Maxim Integrated Products MAX3490ECSA-T Datasheet HTML 13Page - Maxim Integrated Products MAX3490ECSA-T Datasheet HTML 14Page - Maxim Integrated Products MAX3490ECSA-T Datasheet HTML 15Page - Maxim Integrated Products MAX3490ECSA-T Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
3.3V-Powered, ±15kV ESD-Protected, 12Mbps and
Slew-Rate-Limited True RS-485/RS-422 Transceivers
12
______________________________________________________________________________________
B
1V/div
A
1V/div
RO
2V/div
20ns/div
DI
5V/div
VY - VZ
2V/div
RO
5V/div
2
µs/div
B
1V/div
A
1V/div
RO
2V/div
1
µs/div
DI
2V/div
20ns/div
Z
1V/div
Y
1V/div
DI
2V/div
Z
1V/div
Y
1V/div
1
µs/div
DI
5V/div
VY - VZ
2V/div
RO
5V/div
2
µs/div
Figure 15. MAX3485E/MAX3490E/MAX3491E Driver Propagation
Delay
Figure 17. MAX3483E/MAX3488E Driver Propagation Delay
Figure 16. MAX3485E/MAX3490E/MAX3491E Receiver
Propagation Delay Driven by External RS-485 Device
Figure 18. MAX3483E/MAX3488E Receiver Propagation Delay
Figure 19. MAX3483E/MAX3488E System Differential Voltage at
125kHz Driving 4000 Feet of Cable
Figure 20. MAX3485E/MAX3490E/MAX3491E System Differential
Voltage at 125kHz Driving 4000 Feet of Cable


Similar Part No. - MAX3490ECSA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3490ECSA MAXIM-MAX3490ECSA Datasheet
231Kb / 16P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
More results

Similar Description - MAX3490ECSA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
MAX3483E MAXIM-MAX3483E Datasheet
231Kb / 16P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX3483 MAXIM-MAX3483 Datasheet
197Kb / 16P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3483 MAXIM-MAX3483_V01 Datasheet
3Mb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-0333; Rev 1; 5/19
MAX3483 MAXIM-MAX3483_14 Datasheet
467Kb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3491EESD-T MAXIM-MAX3491EESD-T Datasheet
674Kb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
logo
List of Unclassifed Man...
STC3485E ETC1-STC3485E Datasheet
641Kb / 11P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
Union Semiconductor, In...
UM3483E UNIONSEMI-UM3483E Datasheet
307Kb / 12P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3483AE MAXIM-MAX3483AE_V01 Datasheet
999Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected,20Mbps and Slew-Rate-Limited RS-485/RS-422 Transceivers
19-8506; Rev 1; 9/17
MAX481E MAXIM-MAX481E_03 Datasheet
768Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com