Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPDV8V0SP-HF Datasheet(PDF) 5 Page - Comchip Technology

Part # CPDV8V0SP-HF
Description  Low Capacitance SMD ESD Protection Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDV8V0SP-HF Datasheet(HTML) 5 Page - Comchip Technology

  CPDV8V0SP-HF Datasheet HTML 1Page - Comchip Technology CPDV8V0SP-HF Datasheet HTML 2Page - Comchip Technology CPDV8V0SP-HF Datasheet HTML 3Page - Comchip Technology CPDV8V0SP-HF Datasheet HTML 4Page - Comchip Technology CPDV8V0SP-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Page 5
REV: A
Comchip Technology CO., LTD.
QW-JP034
Suggested PAD Layout
SIZE
(inch)
0.112
(mm)
2.85
0.63
0.83
0.025
0.033
SOD-323
1.60
0.063
A
B
C
D
C
B
D
A
Marking Code
CC
XX
Part Number
CPDV3V3SP-HF
Marking Code
CPDV5V0SP-HF
CPDV8V0SP-HF
CPDV12V0SP-HF
CPDV15V0SP-HF
AC
EC
DC
BC
XX = Product type marking code
CPDV24V0SP-HF
HC
Low Capacitance ESD Protection Diode
CC
CPDV3V0SP-HF
SOD-323
Standard Packaging
Case Type
3,000
REEL
( pcs )
Reel Size
(inch)
7
REEL PACK
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - CPDV8V0SP-HF

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
CPDV1200R FINISAR-CPDV1200R Datasheet
667Kb / 6P
   Coherent 64 Gbaud Polarization Diversity Cartesian Phase Detector
logo
Comchip Technology
CPDV3-5V0C-HF COMCHIP-CPDV3-5V0C-HF Datasheet
96Kb / 4P
   SMD ESD Protection Diode
CPDV3-5V0U COMCHIP-CPDV3-5V0U Datasheet
167Kb / 4P
   SMD ESD Protection Diode
CPDV3-5V0U COMCHIP-CPDV3-5V0U Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDV3-5V0U-HF COMCHIP-CPDV3-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
More results

Similar Description - CPDV8V0SP-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDUR9V0LP-HF COMCHIP-CPDUR9V0LP-HF Datasheet
318Kb / 4P
   Low Capacitance ESD SMD Protection Diode
CPDUR9V0LP-HF COMCHIP-CPDUR9V0LP-HF Datasheet
318Kb / 4P
   Low Capacitance ESD SMD Protection Diode
CPDV3V0SP-HF COMCHIP-CPDV3V0SP-HF Datasheet
294Kb / 5P
   Low Capacitance SMD ESD Protection Diode
CPDV3V0SP-HF COMCHIP-CPDV3V0SP-HF_15 Datasheet
294Kb / 5P
   Low Capacitance SMD ESD Protection Diode
CPDT-5V0USP-HF COMCHIP-CPDT-5V0USP-HF Datasheet
124Kb / 4P
   Low Capacitance SMD ESD Protection Diode
CPDQC5V0USP-HF COMCHIP-CPDQC5V0USP-HF Datasheet
116Kb / 4P
   SMD Low Capacitance ESD Protection Diode
CPDUR9V0LP-HF COMCHIP-CPDUR9V0LP-HF_15 Datasheet
91Kb / 4P
   Low Capacitance ESD SMD Protection Diode
CPDQT5V0SP-HF COMCHIP-CPDQT5V0SP-HF_15 Datasheet
558Kb / 3P
   Supper Low Capacitance SMD ESD Protection Diode
CPDQT5V0SP-HF COMCHIP-CPDQT5V0SP-HF Datasheet
558Kb / 3P
   Supper Low Capacitance SMD ESD Protection Diode
CPDQ5V0USP-HF COMCHIP-CPDQ5V0USP-HF Datasheet
80Kb / 5P
   Ultra Low Capacitance SMD ESD Protection Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com