Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OHWG112 Datasheet(PDF) 1 Page - Nanjing Ouzhuo Technology Co., Ltd.

Part # OHWG112
Description  OHWG Series Wiegand sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHHALLSENSOR [Nanjing Ouzhuo Technology Co., Ltd.]
Direct Link  http://www.ohhallsensor.com
Logo OHHALLSENSOR - Nanjing Ouzhuo Technology Co., Ltd.

OHWG112 Datasheet(HTML) 1 Page - Nanjing Ouzhuo Technology Co., Ltd.

  OHWG112 Datasheet HTML 1Page - Nanjing Ouzhuo Technology Co., Ltd. OHWG112 Datasheet HTML 2Page - Nanjing Ouzhuo Technology Co., Ltd. OHWG112 Datasheet HTML 3Page - Nanjing Ouzhuo Technology Co., Ltd. OHWG112 Datasheet HTML 4Page - Nanjing Ouzhuo Technology Co., Ltd. OHWG112 Datasheet HTML 5Page - Nanjing Ouzhuo Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
OHW
OHW
OHW
OHWG
G
G
G Series
Series
Series
Series
Wiegand
Wiegand
Wiegand
Wiegand sensor
sensor
sensor
sensor
Page 1
Nanjing
Nanjing
Nanjing
Nanjing Ouzhuo
Ouzhuo
Ouzhuo
Ouzhuo Technology
Technology
Technology
Technology co.,
co.,
co.,
co., Ltd
Ltd
Ltd
Ltd
www.ohhall.com
www.zbling.com
Tel:86-25-52312738,86-25-83247886
FAX: 86-25-52312738
E-mail: ohhall@163.com
General
General
General
General Description
Description
Description
Description
OHWG series wiegand sensor is new-type magnetic sensor based on wiegand effect. It
can convert the magnetic signal into voltage output without additional power supply, so it
is also called zero power magnetic sensor. Wiegand sensor is composed of magnetic
bistable function alloy wire made by special processing and induction coil winded outside.
When an alternating magnetic field of proper strength is applied to the Wiegand wire, the
magnetic field of the core switches polarity and then reverses, causing the Wiegand pulse
to be generated.Magnetic switching occurs when the wire is in the presence or alternating
longitudinal magnetic fields. The pulse amplitude is not totally dependent on excitation
field strength and orientation.The alternating positive and negative magnetic fields of
equal saturating strength are used to magnetize and trigger the Wiegand wire. These
alternating magnetic fields are typically produced by magnets which are affixed to the
rotating or moving equipment, by a stationary read head and moving Wiegand wires, or by
an alternating current. This remarkable technology offers new capabilities in proximity
sensing, tachometry, rotary shaft encoding, speed sensing, and many other applications.
F
F
F
Features
eatures
eatures
eatures
· No additional power supply during operating time
· When trigger magnetic induction intensity is 2mT, the output voltage amplitude could
reach 1V. When 8mT, the output voltage amplitude could be higher than 4V
· Amplitude of output signal has nothing to do with the change rate of magnetic field,
achieving “zero speed” sensing
· No touching point, enduring erode, water-proof, explosion-proof and having a lifespan of
2 billion times
· Achieving electrical signal long-distance transfer by using telephone line and coaxial
line,etc.
A
A
A
Applications
pplications
pplications
pplications
Wiegand sensors are used in water, gas, and electric meters for electronic indexing. They
also havemany automotive applications such as antilock braking, speed sensing, and
position indicators. They have been used in anemometers and other wind speed
applications, machine controls, shaft speed sensing, and numerous rotational counting
applications.


Similar Description - OHWG112

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA1505 ETC2-MA1505 Datasheet
1Mb / 4P
   RS232-to-Wiegand Bidirectional Dual Wiegand Port Converter
logo
Cypress Semiconductor
CVT-2240 CYPRESS-CVT-2240 Datasheet
14Kb / 3P
   Wiegand -> ASCII Converter
logo
List of Unclassifed Man...
MA1405 ETC2-MA1405 Datasheet
213Kb / 4P
   Wiegand-to-RS232 Converter
logo
Banner Engineering Corp...
Q20 BANNER-Q20 Datasheet
476Kb / 8P
   Q20 Series Sensor
M25U BANNER-M25U Datasheet
545Kb / 4P
   M25U Series Sensor
QM42 BANNER-QM42 Datasheet
304Kb / 4P
   QM42 Series Sensor
SB12T BANNER-SB12T Datasheet
246Kb / 3P
   SB12T Series Sensor
SMI30 BANNER-SMI30 Datasheet
501Kb / 8P
   SMI30 Series Sensor
logo
Honeywell Solid State E...
HOA6480 HONEYWELL-HOA6480 Datasheet
200Kb / 4P
   HOA6480 Series Barcode Sensor
logo
Banner Engineering Corp...
SL30 BANNER-SL30 Datasheet
426Kb / 4P
   SL30 Series Slot Sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com