Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSTVN16857MTD Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # SSTVN16857MTD
Description  14-Bit Register with SSTL-2 Compatible I/O and Reset
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SSTVN16857MTD Datasheet(HTML) 4 Page - Fairchild Semiconductor

  SSTVN16857MTD Datasheet HTML 1Page - Fairchild Semiconductor SSTVN16857MTD Datasheet HTML 2Page - Fairchild Semiconductor SSTVN16857MTD Datasheet HTML 3Page - Fairchild Semiconductor SSTVN16857MTD Datasheet HTML 4Page - Fairchild Semiconductor SSTVN16857MTD Datasheet HTML 5Page - Fairchild Semiconductor SSTVN16857MTD Datasheet HTML 6Page - Fairchild Semiconductor SSTVN16857MTD Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (SSTV16857) (Continued)
DC Electrical Characteristics (SSTVN16857) (2.5V d V
DD d 2.7V)
Symbol
Parameter
Conditions
VDD
Min
Max
Units
(V)
IDDD
Dynamic Operating Current
RESET
VDD, IO 0
2.7
PA/MHz
Clock Only
VI VIH(AC) or VIL(AC)
90
CK, CK Duty Cycle 50%
Dynamic Operating Current
RESET
VDD, IO 0
PA/MHz
per Data Input
VI VIH(AC) or VIL(AC)
CK, CK Duty Cycle 50%
15
Data Input
½ Clock
Rate 50% Duty Cycle
ROH
Output HIGH On Resistance
IOH 20 mA
2.3 to 2.7
7
20
:
ROL
Output LOW On Resistance
IOL 20 mA
2.3 to 2.7
7
20
:
RO'
| ROH - ROL |IO 20 mA, TA 25qC2.5
4
:
Symbol
Parameter
Conditions
VDD
Min
Max
Units
(V)
VIKL
Input LOW Clamp Voltage
II 18 mA
2.5
1.2
V
VIKH
Input HIGH Clamp Voltage
II 18 mA
2.5
3.5
V
VIH-AC
AC HIGH Level Input Voltage
Data Inputs
VREF310mV
V
VIL-AC
AC LOW Level Input Voltage
Data Inputs
VREF310mV
V
VIH-DC
DC HIGH Level Input Voltage
Data Inputs
VREF150mV
V
VIL-DC
DC LOW Level Input Voltage
Data Inputs
VREF150mV
V
VIH
HIGH Level Input Voltage
RESET
1.7
V
VIL
LOW Level Input Voltage
RESET
0.7
V
VICR
Common Mode Input Voltage Range
CLK, CLK
0.97
1.53
V
VI(PP)
Peak to Peak Input Voltage
CLK, CLK
360
mV
VOH
HIGH Level Output Voltage
IOH 100 PA
2.5 to 2.7
VDD  0.2
V
IOH 16 mA
2.5
1.95
VOL
LOW Level Output Voltage
IOL 100 PA
2.5 to 2.7
0.2
V
IOL 16 mA
2.5
0.35
II
Input Leakage Current
VI VDD or GND
2.7
r5.0
PA
IDD
Static Standby
RESET
GND, IO 0
2.7
10
PA
Static Operating
RESET
VDD, IO 0
25
mA
VI VIH(AC) or VIL(AC)
IDDD
Dynamic Operating Current
RESET
VDD, IO 0
2.7
PA/MHz
Clock Only
VI VIH(AC) or VIL(AC)
90
CK, CK Duty Cycle 50%
Dynamic Operating Current
RESET
VDD, IO 0
PA/MHz
per Data Input
VI VIH(AC) or VIL(AC)
CK, CK Duty Cycle 50%
15
Data Input
½ Clock
Rate 50% Duty Cycle
ROH
Output HIGH On Resistance
IOH 20 mA
2.5 to 2.7
7
20
:
ROL
Output LOW On Resistance
IOL 20 mA
2.5 to 2.7
7
20
:
RO'
| ROH - ROL |IO 20 mA, TA 25qC2.5
4
:


Similar Part No. - SSTVN16857MTD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTVN16859 PHILIPS-SSTVN16859 Datasheet
116Kb / 11P
   13-bit 1:2 SSTL_2 registered buffer for DDR
2004 Jul 15
SSTVN16859BS PHILIPS-SSTVN16859BS Datasheet
116Kb / 11P
   13-bit 1:2 SSTL_2 registered buffer for DDR
2004 Jul 15
More results

Similar Description - SSTVN16857MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SSTV16859 FAIRCHILD-SSTV16859 Datasheet
168Kb / 8P
   Dual Output 13-Bit Register with SSTL-2 Compatible I/O and Reset
logo
Integrated Device Techn...
IDT74SSTVF16857 IDT-IDT74SSTVF16857 Datasheet
67Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16857 IDT-IDT74SSTVF16857_07 Datasheet
72Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
logo
Renesas Technology Corp
IDT74SSTVF16857 RENESAS-IDT74SSTVF16857 Datasheet
246Kb / 7P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
JUNE 2003
logo
Integrated Device Techn...
IDT74SSTV16857 IDT-IDT74SSTV16857 Datasheet
54Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
logo
Renesas Technology Corp
IDT74SSTV16857 RENESAS-IDT74SSTV16857 Datasheet
239Kb / 8P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
February 2009
logo
Texas Instruments
SN74SSTVF16857 TI-SN74SSTVF16857 Datasheet
170Kb / 10P
[Old version datasheet]   14 BIT REGISTERED BUFFER WITH SSTL 2 INPUT AND OUTPUTS
SN74SSTVF16857 TI1-SN74SSTVF16857_09 Datasheet
347Kb / 12P
[Old version datasheet]   14 BIT REGISTERED BUFFER WITH SSTL 2 INPUT AND OUTPUTS
SN74SSTV16857 TI-SN74SSTV16857 Datasheet
156Kb / 9P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
logo
National Semiconductor ...
54LS323 NSC-54LS323 Datasheet
124Kb / 5P
   8-BIT UNIVERSAL SHIFT/STORAGE REGISTER WITH SYNCHRONOUS RESET AND COMMON I/O PINS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com