Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9752 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9752
Description  12-Bit, 125 MSPS High Performance TxDAC D/A Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9752 Datasheet(HTML) 2 Page - Analog Devices

  AD9752 Datasheet HTML 1Page - Analog Devices AD9752 Datasheet HTML 2Page - Analog Devices AD9752 Datasheet HTML 3Page - Analog Devices AD9752 Datasheet HTML 4Page - Analog Devices AD9752 Datasheet HTML 5Page - Analog Devices AD9752 Datasheet HTML 6Page - Analog Devices AD9752 Datasheet HTML 7Page - Analog Devices AD9752 Datasheet HTML 8Page - Analog Devices AD9752 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
–2–
AD9752–SPECIFICATIONS
REV. 0
(TMIN to TMAX, AVDD = +5 V, DVDD = +5 V, IOUTFS = 20 mA, unless otherwise noted)
DC SPECIFICATIONS
Parameter
Min
Typ
Max
Units
RESOLUTION
12
Bits
DC ACCURACY
1
Integral Linearity Error (INL)
TA = +25°C
–1.5
±0.5
+1.5
LSB
TMIN to TMAX
–2.0
+2.0
LSB
Differential Nonlinearity (DNL)
TA = +25°C
–0.75
±0.25
+0.75
LSB
TMIN to TMAX
–1.0
+1.0
LSB
ANALOG OUTPUT
Offset Error
–0.02
+0.02
% of FSR
Gain Error (Without Internal Reference)
–2
±0.5
+2
% of FSR
Gain Error (With Internal Reference)
–5
±1.5
+5
% of FSR
Full-Scale Output Current
2
2.0
20.0
mA
Output Compliance Range
–1.0
1.25
V
Output Resistance
100
k
Output Capacitance
5
pF
REFERENCE OUTPUT
Reference Voltage
1.14
1.20
1.26
V
Reference Output Current
3
100
nA
REFERENCE INPUT
Input Compliance Range
0.1
1.25
V
Reference Input Resistance
1
M
Small Signal Bandwidth
0.5
MHz
TEMPERATURE COEFFICIENTS
Offset Drift
0
ppm of FSR/
°C
Gain Drift (Without Internal Reference)
±50
ppm of FSR/
°C
Gain Drift (With Internal Reference)
±100
ppm of FSR/
°C
Reference Voltage Drift
±50
ppm/
°C
POWER SUPPLY
Supply Voltages
AVDD
4.5
5.0
5.5
V
DVDD
2.7
5.0
5.5
V
Analog Supply Current (IAVDD)
4
34
39
mA
Digital Supply Current (IDVDD)
5
35
mA
Supply Current Sleep Mode (IAVDD)
6
48
mA
Power Dissipation
5 (5 V, I
OUTFS = 20 mA)
185
220
mW
Power Supply Rejection Ratio7—AVDD
–0.4
+0.4
% of FSR/V
Power Supply Rejection Ratio
7—DVDD
–0.025
+0.025
% of FSR/V
OPERATING RANGE
–40
+85
°C
NOTES
1Measured at IOUTA, driving a virtual ground.
2Nominal full-scale current, I
OUTFS, is 32 × the IREF current.
3Use an external buffer amplifier to drive any external load.
4Requires +5 V supply.
5Measured at f
CLOCK = 25 MSPS and IOUT = static full scale (20 mA).
6Logic level for SLEEP pin must be referenced to AVDD. Min V
IH = 3.5 V.
7
±5% Power supply variation.
Specifications subject to change without notice.


Similar Part No. - AD9752

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9752 AD-AD9752 Datasheet
364Kb / 23P
   12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9752 AD-AD9752 Datasheet
77Kb / 1P
   Analog Devices: Data Converters: DAC 12-Bit, 10 ns to 100 ns Converters Selection Table
4/2004
AD9752 AD-AD9752 Datasheet
361Kb / 23P
   12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9752-EB AD-AD9752-EB Datasheet
364Kb / 23P
   12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9752-EB AD-AD9752-EB Datasheet
361Kb / 23P
   12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
More results

Similar Description - AD9752

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9752 AD-AD9752 Datasheet
364Kb / 23P
   12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9752ARZRL AD-AD9752ARZRL Datasheet
361Kb / 23P
   12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9762 AD-AD9762 Datasheet
414Kb / 23P
   12-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9750 AD-AD9750 Datasheet
302Kb / 22P
   10-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9754ARURL7 AD-AD9754ARURL7 Datasheet
326Kb / 24P
   14-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. A
AD9754 AD-AD9754 Datasheet
327Kb / 24P
   14-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. A
AD97651 AD-AD97651 Datasheet
472Kb / 28P
   12-Bit, 125 MSPS Dual TxDAC D/A Converter
REV. B
AD9760 AD-AD9760 Datasheet
412Kb / 23P
   10-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764ARZ AD-AD9764ARZ Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764ARUZ AD-AD9764ARUZ Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com