Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSTV16859G Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # SSTV16859G
Description  Dual Output 13-Bit Register with SSTL-2 Compatible I/O and Reset
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SSTV16859G Datasheet(HTML) 7 Page - Fairchild Semiconductor

  SSTV16859G Datasheet HTML 1Page - Fairchild Semiconductor SSTV16859G Datasheet HTML 2Page - Fairchild Semiconductor SSTV16859G Datasheet HTML 3Page - Fairchild Semiconductor SSTV16859G Datasheet HTML 4Page - Fairchild Semiconductor SSTV16859G Datasheet HTML 5Page - Fairchild Semiconductor SSTV16859G Datasheet HTML 6Page - Fairchild Semiconductor SSTV16859G Datasheet HTML 7Page - Fairchild Semiconductor SSTV16859G Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted
96-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
Package Number BGA96A


Similar Part No. - SSTV16859G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SSTV16859 TI-SSTV16859 Datasheet
166Kb / 10P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
logo
NXP Semiconductors
SSTV16859 PHILIPS-SSTV16859 Datasheet
124Kb / 14P
   2.5 V 13-bit to 26-bit SSTL_2 registered buffer for stacked DDR DIMM
2002 Feb 19
logo
Texas Instruments
SSTV16859 TI1-SSTV16859 Datasheet
663Kb / 15P
[Old version datasheet]   3-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
logo
NXP Semiconductors
SSTV16859BS PHILIPS-SSTV16859BS Datasheet
124Kb / 14P
   2.5 V 13-bit to 26-bit SSTL_2 registered buffer for stacked DDR DIMM
2002 Feb 19
SSTV16859DGG PHILIPS-SSTV16859DGG Datasheet
124Kb / 14P
   2.5 V 13-bit to 26-bit SSTL_2 registered buffer for stacked DDR DIMM
2002 Feb 19
More results

Similar Description - SSTV16859G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SSTV16857 FAIRCHILD-SSTV16857 Datasheet
85Kb / 7P
   14-Bit Register with SSTL-2 Compatible I/O and Reset
logo
Integrated Device Techn...
IDT74SSTVF16859 IDT-IDT74SSTVF16859 Datasheet
78Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTV16859 IDT-IDT74SSTV16859 Datasheet
71Kb / 6P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16859 IDT-IDT74SSTVF16859_07 Datasheet
80Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVN16859 IDT-IDT74SSTVN16859 Datasheet
65Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
logo
Renesas Technology Corp
IDT74SSTVF16859 RENESAS-IDT74SSTVF16859 Datasheet
237Kb / 8P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
AUGUST 2003
IDT74SSTVN16859C RENESAS-IDT74SSTVN16859C Datasheet
237Kb / 8P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
OCTOBER 2004
IDT74SSTV16859 RENESAS-IDT74SSTV16859 Datasheet
241Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
NOVEMBER 2008
logo
Integrated Device Techn...
IDT74SSTVN16859C IDT-IDT74SSTVN16859C Datasheet
75Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
logo
Renesas Technology Corp
IDT74SSTVN16859 RENESAS-IDT74SSTVN16859 Datasheet
242Kb / 8P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
JANUARY 2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com