Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1233D-15 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS1233D-15
Description  5V EconoReset
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1233D-15 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS1233D-15 Datasheet HTML 1Page - Maxim Integrated Products DS1233D-15 Datasheet HTML 2Page - Maxim Integrated Products DS1233D-15 Datasheet HTML 3Page - Maxim Integrated Products DS1233D-15 Datasheet HTML 4Page - Maxim Integrated Products DS1233D-15 Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DS1833
4 of 5
ABSOLUTE MAXIMUM RATINGS*
Voltage on VCC Pin Relative to Ground
-0.5V to +7.0V
Voltage on I/O Relative to Ground
-0.5V to VCC +0.5V
Operating Temperature
-40
°C to +85°C
Storage Temperature
-55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(-40
°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Supply Voltage
VCC
1.2
5.0
5.5
V
1
DC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C; VDD=5V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Low Level @ RST
VOL
0.4
V
1
Output Current @ 0.4V
IOL
+8
mA
Operating Current
ICC
1.5
2
mA
VCC Trip Point 5%
VCCTP1
4.5
4.625
4.74
V
1
VCC Trip Point 10%
VCCTP2
4.25
4.375
4.49
V
1
VCC Trip Point 15%
VCCTP3
4.0
4.125
4.24
V
1
Output Capacitance
COUT
10
pF
Internal Pull-Up Resistor
RP
3.75
5
6.25
k
W
AC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C; VCC=5V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Reset Active Time
tRST
250
350
450
ms
VCC Detect to RST
tRPD
100
ns
VCC Slew Rate (4.75V - 4.00V)
tF
300
ms
VCC Slew Rate (4.00V - 4.75V)
tR
0ns
VCC Detect to RST
tRPU
250
350
450
ms
NOTES:
1. All voltages are referenced to ground.


Similar Part No. - DS1233D-15

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1233D-15 DALLAS-DS1233D-15 Datasheet
57Kb / 5P
   5V EconoReset
DS1233D-15 DALLAS-DS1233D-15 Datasheet
121Kb / 5P
   3.3V EconoReset
DS1233D-15 DALLAS-DS1233D-15 Datasheet
116Kb / 5P
   5V EconoReset
DS1233D-15 DALLAS-DS1233D-15 Datasheet
50Kb / 5P
   5V EconoReset
More results

Similar Description - DS1233D-15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1833 MAXIM-DS1833 Datasheet
120Kb / 5P
   5V EconoReset
041002
DS1233 MAXIM-DS1233 Datasheet
127Kb / 5P
   5V EconoReset
122001
DS1233D MAXIM-DS1233D Datasheet
121Kb / 5P
   5V EconoReset
041002
logo
Dallas Semiconductor
DS1233 DALLAS-DS1233 Datasheet
57Kb / 5P
   5V EconoReset
DS1832 DALLAS-DS1832 Datasheet
50Kb / 5P
   5V EconoReset
DS1233D DALLAS-DS1233D Datasheet
116Kb / 5P
   5V EconoReset
DS1813 DALLAS-DS1813 Datasheet
59Kb / 5P
   5V EconoReset with Pushbutton
logo
Maxim Integrated Produc...
DS1813 MAXIM-DS1813 Datasheet
211Kb / 5P
   5V EconoReset with Pushbutton
REV: 022306
DS1811 MAXIM-DS1811 Datasheet
119Kb / 5P
   5V EconoReset with Open Drain Output
041002
DS1810 MAXIM-DS1810 Datasheet
122Kb / 5P
   5V EconoReset with Push-Pull Output
041002
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com