Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSTV16857 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # SSTV16857
Description  14-Bit Register with SSTL-2 Compatible I/O and Reset
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SSTV16857 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  SSTV16857 Datasheet HTML 1Page - Fairchild Semiconductor SSTV16857 Datasheet HTML 2Page - Fairchild Semiconductor SSTV16857 Datasheet HTML 3Page - Fairchild Semiconductor SSTV16857 Datasheet HTML 4Page - Fairchild Semiconductor SSTV16857 Datasheet HTML 5Page - Fairchild Semiconductor SSTV16857 Datasheet HTML 6Page - Fairchild Semiconductor SSTV16857 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics (SSTV16857) (Note 4)
Note 4: Refer to Figure 1 through Figure 7.
Note 5: This parameter is not production tested.
Note 6: For data signal input slew rate
t 1 V/ns.
Note 7: For data signal input slew rate
t 0.5 V/ns and  1 V/ns.
Note 8: For CK, CK signals input slew rates are
t 1 V/ns.
AC Electrical Characteristics (SSTVN16857) (Note 9)
Note 9: Refer to Figure 1 through Figure 7.
Note 10: This parameter is not production tested.
Note 11: For data signal input slew rate
t 1 V/ns.
Note 12: For data signal input slew rate
t 0.5 V/ns and  1 V/ns.
Note 13: For CK, CK signals input slew rates are
t 1 V/ns.
Note 14: Simultaneous Switching is guaranteed by characterization.
Symbol
Parameter
TA 0qC to 70qC, CL 30 pF, RL 50:
Units
VDD 2.5V r 0.2V; VDDQ 2.5V r 0.2V
Min
Max
fMAX
Maximum Clock Frequency
200
MHz
tW
Pulse Duration, CK, CK HIGH or LOW (Figure 2)
2.5
ns
tACT
Differential Inputs Activation Time,
22
ns
(Note 5)
data inputs must be LOW after RESET HIGH (Figure 3)
tINACT
Differential Inputs De-activation Time,
22
ns
(Note 5)
data and clock inputs must be held at valid levels
(not floating) after RESET LOW
tS
Setup Time, Fast Slew Rate (Note 6)(Note 7) (Figure 5)
0.65
ns
Setup Time, Slow Slew Rate (Note 7)(Note 8) (Figure 5)
0.9
tH
Hold Time, Fast Slew Rate (Note 6)(Note 8) (Figure 5)
0.75
ns
Hold Time, Slow Slew Rate (Note 7)(Note 8) (Figure 5)
0.9
tREM
Reset Removal Time (Figure 7)
10
ns
tPHL, tPLH
Propagation Delay CLK, CLK to Qn (Figure 4)
1.1
2.8
ns
tPHL
Propagation Delay RESET to Qn (Figure 6)
5.0
ns
tSK(Pn-Pn)
Output to Output Skew
200
ps
Symbol
Parameter
TA 0qC to 70qC, CL 30 pF, RL 50:
Units
VDD 2.5V r 0.2V; VDDQ 2.5V r 0.2V
Min
Max
fMAX
Maximum Clock Frequency
220
MHz
tW
Pulse Duration, CK, CK HIGH or LOW (Figure 2)
2.5
ns
tACT
Differential Inputs Activation Time,
22
ns
(Note 5)
data inputs must be LOW after RESET HIGH (Figure 3)
tINACT
Differential Inputs De-activation Time,
22
ns
(Note 5)
Data and Clock Inputs must be held at valid levels
(not floating) after RESET LOW
tS
Setup Time, Fast Slew Rate (Note 9)(Note 12) (Figure 5)
0.65
ns
Setup Time, Slow Slew Rate (Note 12)(Note 13) (Figure 5)
0.75
tH
Hold Time, Fast Slew Rate (Note 11)(Note 13) (Figure 5)
0.75
ns
Hold Time, Slow Slew Rate (Note 12)(Note 13) (Figure 5)
0.9
tREM
Reset Removal Time (Figure 7)
10
ns
tPHL, tPLH
Propagation Delay CLK, CLK to Qn (Figure 4)
1.1
2.4
ns
tPSS
Propagation Delay Simultaneous Switching CLK, CLK to Qn (Note 14)
2.7
ns
tPHL
Propagation Delay RESET to Qn (Figure 6)
5.0
ns
tSK(Pn-Pn)
Output to Output Skew
200
ps


Similar Part No. - SSTV16857

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTV16857 PHILIPS-SSTV16857 Datasheet
110Kb / 12P
   14-bit SSTL_2 registered driver with differential clock inputs
2002 Sep 27
logo
Texas Instruments
SSTV16857 TI1-SSTV16857 Datasheet
902Kb / 12P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
logo
NXP Semiconductors
SSTV16857DGG PHILIPS-SSTV16857DGG Datasheet
110Kb / 12P
   14-bit SSTL_2 registered driver with differential clock inputs
2002 Sep 27
SSTV16857DGV PHILIPS-SSTV16857DGV Datasheet
110Kb / 12P
   14-bit SSTL_2 registered driver with differential clock inputs
2002 Sep 27
SSTV16857EV PHILIPS-SSTV16857EV Datasheet
110Kb / 12P
   14-bit SSTL_2 registered driver with differential clock inputs
2002 Sep 27
More results

Similar Description - SSTV16857

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SSTV16859 FAIRCHILD-SSTV16859 Datasheet
168Kb / 8P
   Dual Output 13-Bit Register with SSTL-2 Compatible I/O and Reset
logo
Integrated Device Techn...
IDT74SSTVF16857 IDT-IDT74SSTVF16857 Datasheet
67Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16857 IDT-IDT74SSTVF16857_07 Datasheet
72Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
logo
Renesas Technology Corp
IDT74SSTVF16857 RENESAS-IDT74SSTVF16857 Datasheet
246Kb / 7P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
JUNE 2003
logo
Integrated Device Techn...
IDT74SSTV16857 IDT-IDT74SSTV16857 Datasheet
54Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
logo
Renesas Technology Corp
IDT74SSTV16857 RENESAS-IDT74SSTV16857 Datasheet
239Kb / 8P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
February 2009
logo
Texas Instruments
SN74SSTVF16857 TI-SN74SSTVF16857 Datasheet
170Kb / 10P
[Old version datasheet]   14 BIT REGISTERED BUFFER WITH SSTL 2 INPUT AND OUTPUTS
SN74SSTVF16857 TI1-SN74SSTVF16857_09 Datasheet
347Kb / 12P
[Old version datasheet]   14 BIT REGISTERED BUFFER WITH SSTL 2 INPUT AND OUTPUTS
SN74SSTV16857 TI-SN74SSTV16857 Datasheet
156Kb / 9P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
logo
National Semiconductor ...
54LS323 NSC-54LS323 Datasheet
124Kb / 5P
   8-BIT UNIVERSAL SHIFT/STORAGE REGISTER WITH SYNCHRONOUS RESET AND COMMON I/O PINS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com