Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OH277C Datasheet(PDF) 3 Page - Nanjing Ouzhuo Technology Co., Ltd.

Part # OH277C
Description  COMPLEMENTARY OUTPUT HALL EFFECT LATCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHHALLSENSOR [Nanjing Ouzhuo Technology Co., Ltd.]
Direct Link  http://www.ohhallsensor.com
Logo OHHALLSENSOR - Nanjing Ouzhuo Technology Co., Ltd.

OH277C Datasheet(HTML) 3 Page - Nanjing Ouzhuo Technology Co., Ltd.

  OH277C Datasheet HTML 1Page - Nanjing Ouzhuo Technology Co., Ltd. OH277C Datasheet HTML 2Page - Nanjing Ouzhuo Technology Co., Ltd. OH277C Datasheet HTML 3Page - Nanjing Ouzhuo Technology Co., Ltd. OH277C Datasheet HTML 4Page - Nanjing Ouzhuo Technology Co., Ltd. OH277C Datasheet HTML 5Page - Nanjing Ouzhuo Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
OH277
COMPLEMENTARY
COMPLEMENTARY
COMPLEMENTARY
COMPLEMENTARY OUTPUT
OUTPUT
OUTPUT
OUTPUT HALL
HALL
HALL
HALL EFFECT
EFFECT
EFFECT
EFFECT LATCH
LATCH
LATCH
LATCH
Page 3
Nanjing
Nanjing
Nanjing
Nanjing Ouzhuo
Ouzhuo
Ouzhuo
Ouzhuo Technology
Technology
Technology
Technology co.,
co.,
co.,
co., Ltd
Ltd
Ltd
Ltd
www.ohhall.com
www.zbling.com
Tel:86-25-52312738,86-25-83247886
FAX: 86-25-52312738
E-mail: ohhall@163.com
Magnetic
Magnetic
Magnetic
Magnetic Characteristics
Characteristics
Characteristics
Characteristics (TA=25°C)
Parameter
Symbol
Grade
Min
Typ
Max
Unit
Operating Point
BOP
A
10
30
50
Gauss
B
5
70
Gauss
C
100
Gauss
Releasing Point
BRP
A
-50
-30
-10
Gauss
B
-70
-5
Gauss
C
-100
Gauss
Hysteresis
BHYS
60
Magnetic-electrical
Magnetic-electrical
Magnetic-electrical
Magnetic-electrical T
T
T
Transfer
ransfer
ransfer
ransfer C
C
C
Characteristics
haracteristics
haracteristics
haracteristics


Similar Description - OH277C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH277A DIODES-AH277A Datasheet
857Kb / 10P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH276Q DIODES-AH276Q_09 Datasheet
188Kb / 8P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH277A BCDSEMI-AH277A Datasheet
172Kb / 10P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH276 BCDSEMI-AH276 Datasheet
178Kb / 10P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Unisonic Technologies
H654 UTC-H654_10 Datasheet
125Kb / 5P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Allegro MicroSystems
3275 ALLEGRO-3275 Datasheet
65Kb / 4P
   COMPLEMENTARY-OUTPUT HALL-EFFECT LATCH
logo
Unisonic Technologies
H654 UTC-H654_15 Datasheet
125Kb / 5P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Diodes Incorporated
AH276 DIODES-AH276 Datasheet
868Kb / 10P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH276Q DIODES-AH276Q Datasheet
238Kb / 6P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH276Q Rev. 1
logo
Anachip Corp
ATS276 ANACHIP-ATS276 Datasheet
198Kb / 7P
   Complementary Output Hall Effect Latch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com