Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8351ARMZ-REEL7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8351ARMZ-REEL7
Description  Low Distortion Differential RF/IF Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8351ARMZ-REEL7 Datasheet(HTML) 3 Page - Analog Devices

  AD8351ARMZ-REEL7 Datasheet HTML 1Page - Analog Devices AD8351ARMZ-REEL7 Datasheet HTML 2Page - Analog Devices AD8351ARMZ-REEL7 Datasheet HTML 3Page - Analog Devices AD8351ARMZ-REEL7 Datasheet HTML 4Page - Analog Devices AD8351ARMZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8351ARMZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8351ARMZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8351ARMZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8351ARMZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. B
AD8351
–3–
Parameter
Conditions
Min
Typ
Max
Unit
NOISE/DISTORTION
10 MHz
Second/Third Harmonic
Distortion
2
RL = 1 k
Ω, V
OUT = 2 V p-p
–95/–93
dBc
RL = 150
Ω, V
OUT = 2 V p-p
–86/–71
dBc
Third-Order IMD
RL = 1 k
Ω, f1 = 9.5 MHz, f2 = 10.5 MHz,
VOUT = 2 V p-p Composite
–90
dBc
RL = 150
Ω, f1 = 9.5 MHz, f2 = 10.5 MHz,
VOUT = 2 V p-p Composite
–70
dBc
Output Third-Order Intercept
f1 = 9.5 MHz, f2 = 10.5 MHz
33
dBm
Noise Spectral Density (RTI)
2.65
nV/
√Hz
1 dB Compression Point
13.5
dBm
70 MHz
Second/Third Harmonic
Distortion
2
RL = 1 k
Ω, V
OUT = 2 V p-p
–79/–81
dBc
RL = 150
Ω, VOUT = 2 V p-p
–65/–66
dBc
Third-Order IMD
RL = 1 k
Ω, f1 = 69.5 MHz, f2 = 70.5 MHz,
VOUT = 2 V p-p Composite
–85
dBc
RL = 150
Ω, f1 = 69.5 MHz, f2 = 70.5 MHz,
VOUT = 2 V p-p Composite
–69
dBc
Output Third-Order Intercept
f1 = 69.5 MHz, f2 = 70.5 MHz
31
dBm
Noise Spectral Density (RTI)
2.70
nV/
√Hz
1 dB Compression Point
13.3
dBm
140 MHz
Second/Third Harmonic
Distortion
2
RL = 1 k
Ω, VOUT = 2 V p-p
–69/–69
dBc
RL = 150
Ω, V
OUT = 2 V p-p
–54/–53
dBc
Third-Order IMD
RL = 1 k
Ω, f1 = 139.5 MHz, f2 = 140.5 MHz,
VOUT = 2 V p-p Composite
–79
dBc
RL = 150
Ω, f1 = 139.5 MHz, f2 = 140.5 MHz,
VOUT = 2 V p-p Composite
–67
dBc
Output Third-Order Intercept
f1 = 139.5 MHz, f2 = 140.5 MHz
29
dBm
Noise Spectral Density (RTI)
2.75
nV/
√Hz
1 dB Compression Point
13
dBm
240 MHz
Second/Third Harmonic
Distortion
2
RL = 1 k
Ω, VOUT = 2 V p-p
–60/–66
dBc
RL = 150
Ω, V
OUT = 2 V p-p
–46/–50
dBc
Third-Order IMD
RL = 1 k
Ω, f1 = 239.5 MHz, f2 = 240.5 MHz,
VOUT = 2 V p-p Composite
–76
dBc
RL = 150
Ω, f1 = 239.5 MHz, f2 = 240.5 MHz,
VOUT = 2 V p-p Composite
–62
dBc
Output Third-Order Intercept
f1 = 239.5 MHz, f2 = 240.5 MHz
27
dBm
Noise Spectral Density (RTI)
2.90
nV/
√Hz
1 dB Compression Point
13
dBm
NOTES
1Values are specified differentially.
2See Applications section for single-ended-to-differential performance.
Specifications subject to change without notice.


Similar Part No. - AD8351ARMZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8351ARMZ AD-AD8351ARMZ Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
More results

Similar Description - AD8351ARMZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8351 AD-AD8351 Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
   Low Distortion Differential RF/IF Amplifier
REV. D
AD8351ARMZ AD-AD8351ARMZ Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8352 AD-AD8352_18 Datasheet
471Kb / 19P
   2 GHz, Ultralow Distortion, Differential RF/IF Amplifier
AD8352 AD-AD8352_08 Datasheet
463Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
ADL5561 AD-ADL5561 Datasheet
571Kb / 24P
   2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. B
AD8352_0610 AD-AD8352_0610 Datasheet
510Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. A
ADL5562 AD-ADL5562 Datasheet
563Kb / 24P
   3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. A
AD8352 AD-AD8352_15 Datasheet
463Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
AD8352 AD-AD8352 Datasheet
410Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com