Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA156 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PA156
Description  CRIMPER, SNAGLESS ALL-IN-ONE, ECON
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PA156 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PA156 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CRIMPER, SNAGLESS ALL-IN-ONE, ECON
Cat No: PA156
"Cuts and strips round or flat cable
All metal construction
Dual-durometer grips for improved comfort and control
For standard and ""snagless"" RJ45 connectors
Also crimps RJ11/22 and RJ22 WE/SS style plugs "
Application : "For Cuting And Striping Round Or Flat Cable, Crimping RJ11/22 And RJ22 WE/SS Style
Plugs, Standard And ""Snagless"" RJ45 Connectors "
Cable Type : RJ45 WE/SS, RJ11/22, RJ22 WE/SS
Type : All in One UTP, Snagless


Similar Part No. - PA156

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA15 APEX-PA15 Datasheet
183Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
logo
Pulse A Technitrol Comp...
PA1513.211NLT PULSE-PA1513.211NLT Datasheet
1Mb / 4P
   Power Beads
PA1513.211NLT PULSE-PA1513.211NLT Datasheet
1Mb / 5P
   SMT Power Inductors
PA1513.261NLT PULSE-PA1513.261NLT Datasheet
1Mb / 4P
   Power Beads
PA1513.261NLT PULSE-PA1513.261NLT Datasheet
1Mb / 5P
   SMT Power Inductors
More results

Similar Description - PA156

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MT3333 ETC1-MT3333 Datasheet
633Kb / 26P
   All-in-One GNSS
logo
RENCO ELECTRONICS, INC.
RL-2260 RENCO-RL-2260 Datasheet
1Mb / 3P
   ALL IN ONE??POWER TRANSFORMERS
logo
List of Unclassifed Man...
SC83702 ETC-SC83702 Datasheet
137Kb / 10P
   ALL IN ONE MOUSE CONTROLLER
logo
New Scale Technologies,...
M3-LS-U2-8 NEWSCALE-M3-LS-U2-8 Datasheet
1,009Kb / 4P
   All-In-One Motion Module
logo
Lightel Technologies IN...
FF-280 LIGHTEL-FF-280 Datasheet
206Kb / 2P
   All-in-One Component Workstation
FRMD-13-A-B-0 LIGHTEL-FRMD-13-A-B-0 Datasheet
90Kb / 1P
   All-in-One Component Workstation
logo
Schneider Electric
SO2040M200SS SCHNEIDER-SO2040M200SS Datasheet
117Kb / 2P
   ALL-IN-ONE RINGLESS OH200ASURFACEHORNSOL
logo
Aven, Inc.
26700-220-MNT AVEN-26700-220-MNT Datasheet
1Mb / 2P
   All-In-One Digital Microscope
logo
ELAN Microelectronics C...
EM83702 EMC-EM83702 Datasheet
81Kb / 11P
   ALL IN ONE MOUSE CONTROLLER
logo
Schneider Electric
RU3040D400CL SCHNEIDER-RU3040D400CL Datasheet
100Kb / 2P
   ALL-IN-ONE RINGLESS UG 400A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com