Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXA12IF1200PB Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXA12IF1200PB
Description  Easy paralleling due to the positive temperature coefficient of the on-state voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXA12IF1200PB Datasheet(HTML) 3 Page - IXYS Corporation

  IXA12IF1200PB Datasheet HTML 1Page - IXYS Corporation IXA12IF1200PB Datasheet HTML 2Page - IXYS Corporation IXA12IF1200PB Datasheet HTML 3Page - IXYS Corporation IXA12IF1200PB Datasheet HTML 4Page - IXYS Corporation IXA12IF1200PB Datasheet HTML 5Page - IXYS Corporation IXA12IF1200PB Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IXA12IF1200PB
preliminary
Ratings
XXXXXX
Zyyww
Logo
Part Number
Date Code
Lot #
abcdef
Product Marking
Assembly Line
I
X
A
12
IF
1200
PB
Part number
IGBT
XPT IGBT
Gen 1 / std
Copack
TO-220AB (3)
=
=
=
IXA12IF1200TC
TO-268AA (D3Pak) (2)
1200
Current Rating [A]
Reverse Voltage [V]
=
=
=
=
Package
Top
°C
M
D
Nm
0.6
mounting torque
0.4
T
VJ
°C
150
virtual junction temperature
-40
Weight
g
2
Symbol
Definition
typ.
max.
min.
Conditions
operation temperature
Unit
F
C
N
60
mounting force with clip
20
I
RMS
RMS current
35
A
per terminal
125
-40
TO-220
Similar Part
Package
Voltage class
IXA12IF1200HB
TO-247AD (3)
1200
Delivery Mode
Quantity
Code No.
Part Number
Marking on Product
Ordering
IXA12IF1200PB
507428
Tube
50
IXA12IF1200PB
Standard
T
stg
°C
150
storage temperature
-40
threshold voltage
V
mΩ
V0 max
R0 max
slope resistance *
1.1
153
1.25
85
Equivalent Circuits for Simulation
T
=
VJ
I
V0
R0
IGBT
Diode
150 °C
* on die level
IXYS reserves the right to change limits, conditions and dimensions.
20110330a
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2011 IXYS all rights reserved


Similar Part No. - IXA12IF1200PB

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXA17IF1200HJ IXYS-IXA17IF1200HJ Datasheet
133Kb / 6P
   XPT IGBT
More results

Similar Description - IXA12IF1200PB

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXA27IF1200HJ IXYS-IXA27IF1200HJ Datasheet
134Kb / 6P
   Easy paralleling due to the positive temperature coefficient of the on-state voltage
IXA20IF1200HB IXYS-IXA20IF1200HB Datasheet
129Kb / 6P
   Easy paralleling due to the positive temperature Easy paralleling due to the positive temperature
IXA20I1200PB IXYS-IXA20I1200PB Datasheet
106Kb / 4P
   Easy paralleling due to the positive temperature
logo
First Silicon Co., Ltd
MPBW50N65EH FS-MPBW50N65EH Datasheet
956Kb / 7P
   Easy parallel switching capability due to positive temperature coefficient in V CEsat
2022. 01. 18 Revision No : 0
logo
Infineon Technologies A...
SIGC42T60UN INFINEON-SIGC42T60UN Datasheet
64Kb / 4P
   High Speed IGBT Chip in NPT-technology positive temperature coefficient easy paralleling
Edition 1, 13.09.2005
logo
Micross Components
ASJE1200R063 MICROSS-ASJE1200R063 Datasheet
222Kb / 7P
   Positive Temperature Coeffi cient for Ease of Paralleling
ASJD1200R085 MICROSS-ASJD1200R085 Datasheet
223Kb / 7P
   Positive Temperature Coeffi cient for Ease of Paralleling
ASJD1200R045 MICROSS-ASJD1200R045 Datasheet
148Kb / 4P
   Positive Temperature Coeffi cient for Ease of Paralleling
logo
Maxim Integrated Produc...
MAX34451EVKIT MAXIM-MAX34451EVKIT Datasheet
4Mb / 31P
   Easy Evaluation of the MAX34451
Rev 0; 5/13
MAX31343SHLD MAXIM-MAX31343SHLD Datasheet
2Mb / 11P
   Easy Evaluation of the MAX31343
319-100521; Rev 1; 5/20
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com