Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-1318118-8 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 1-1318118-8
Description  D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1318118-8 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button 1-1318118-8 Datasheet HTML 3Page - Tyco Electronics 1-1318118-8 Datasheet HTML 4Page - Tyco Electronics 1-1318118-8 Datasheet HTML 5Page - Tyco Electronics 1-1318118-8 Datasheet HTML 6Page - Tyco Electronics 1-1318118-8 Datasheet HTML 7Page - Tyco Electronics 1-1318118-8 Datasheet HTML 8Page - Tyco Electronics 1-1318118-8 Datasheet HTML 9Page - Tyco Electronics 1-1318118-8 Datasheet HTML 10Page - Tyco Electronics 1-1318118-8 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
22
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-2000 Series (Continued)
AMP Dynamic Series Connectors
37.8
30.69
Horizontal Type
Vertical Type
Panel / Free-hanging Type
24.3
17.19
23.8
17.69
2.5
B
A
12.03
6.8
Panel Cutout
E
±
0.05
D
±
0.05
7.5
9.45
6.6
C
F
4.75
A
Circuit #1
1.5
6.95
2.5
N=B
Circuit #1
7.5
9.45
1
A
C
2.5
N=B
1.5
6.95
Mating Dimensions
External Dimensions
Receptacle Housing
Tab Housing
Panel Type
Free-Hanging Type
No. of
Pos.
3
Part Number of
Receptacle Housing
Dimensions
AB
8.3
8.9
11.8
J
-1318120-3
1-1473074-3*
No. of
Pos.
3
Part Number of Tab Housing
Panel Type
Free-hanging Type
J
-1318116-3
J
-1318117-3
Dimensions
AB
C
D
**
E
**
F
**
10.2
54
10.5
16.5
16.38
**Applies only for panel type.
J
is for the following key codes: 1- (X-Type), 2- (Y-Type)
D-2100S (Continued)
Mating Receptacle Housing
Part Number:
J
-1318120-J
1-1473074-3
Mating Tab Connector
Part Number:
J
-1318116-J
J
-1318117-J
J
-1318123-J
J
-1376135-J
J
is for the following key codes: 1- (X-Type), 2- (Y-Type)
*Drawer Type
Drawer Type


Similar Part No. - 1-1318118-8

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-1318114-3 TEC-1-1318114-3 Datasheet
200Kb / 4P
   Housing, Housing for Male Terminals, Wire-to-Wire, 6 Position .098 in [2.5 mm] Centerline, Crimp, 2 Row, Black, Mating Retention, Dynamic 2000 Series
More results

Similar Description - 1-1318118-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
D-2100S MACOM-D-2100S Datasheet
3Mb / 18P
   D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178306-2 MACOM-178306-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178325-2 MACOM-178325-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178328-2 MACOM-178328-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
1-177648-8 MACOM-1-177648-8 Datasheet
3Mb / 22P
   Wire-to-Board, Wire-to-Panel and Wire-to-Wire
logo
List of Unclassifed Man...
51021 ETC2-51021 Datasheet
69Kb / 1P
   1.25mm (.049) Pitch Wire-to-Wire and Wire-to-Board Receptacle
logo
Molex Electronics Ltd.
5005920800 MOLEX11-5005920800 Datasheet
148Kb / 3P
   2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Housing
0638197700 MOLEX11-0638197700 Datasheet
45Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
0638197600 MOLEX11-0638197600 Datasheet
45Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
63823-5300 MOLEX11-63823-5300 Datasheet
38Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com