Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-1318119-4 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 1-1318119-4
Description  D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1318119-4 Datasheet(HTML) 3 Page - Tyco Electronics

  1-1318119-4 Datasheet HTML 1Page - Tyco Electronics 1-1318119-4 Datasheet HTML 2Page - Tyco Electronics 1-1318119-4 Datasheet HTML 3Page - Tyco Electronics 1-1318119-4 Datasheet HTML 4Page - Tyco Electronics 1-1318119-4 Datasheet HTML 5Page - Tyco Electronics 1-1318119-4 Datasheet HTML 6Page - Tyco Electronics 1-1318119-4 Datasheet HTML 7Page - Tyco Electronics 1-1318119-4 Datasheet HTML 8Page - Tyco Electronics 1-1318119-4 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
18
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-2000 Series (Continued)
AMP Dynamic Series Connectors
Performance Specifications
(Continued)
Specifications and
Instruction Sheet
Instruction Sheet-
Hand Tools
Safety Specifications
The safety specifications listed below are approved on specific part numbers. Contact our Sales
Department to check if the part numbers you use are approved or not. Keep in mind that there are
instances where values differ from those given by Tyco Electronics Specifications.
Product Specification
Testing Report
Application Specification
Instruction Sheet-Extraction Tool
108-5619, 108-5659 (Drawer Type)
501-5261
114-5258
411-5900
Specifications and Instruction Sheet
Instruction Sheet-Manual Tool
Tool Part No.
91576-1
91595-1
IS No.
408-8547
408-8547
(
)
Specifications
108-5619 (Standard)
108-5659 (Drawer Type)
Series
Specifications
UL File No. E28476
CSA Report No.
LR7189
TÜV License No.
R 9950679
250 V
Voltage
Rating
D-2100 Series
D-2100M Drawer Type
Current
Rating
Temperature
Rating
Voltage
Rating
Current
Rating
Temperature
Rating
Determined by
requirements
of equipment in use.
250 V
125 V
250 V
5A
(1 position)
Determined by
requirements
of equipment in use.
#24~28 AWG : 3.3A
#18~22 AWG : 5A
5A
-55° to +105˚C
-55° to +105˚C
-55° to +105˚C
*Remember to obtain Instruction Sheets when you choose to use these tools.
Extraction Tool Part Number: 1276716-1 (411-5900)
Keying Plug Part Number: 641994-1
Tab Contact Cutting Tool Part Number: 919041-2
2.6A
with #20 AWG
50 position


Similar Part No. - 1-1318119-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-1318114-3 TEC-1-1318114-3 Datasheet
200Kb / 4P
   Housing, Housing for Male Terminals, Wire-to-Wire, 6 Position .098 in [2.5 mm] Centerline, Crimp, 2 Row, Black, Mating Retention, Dynamic 2000 Series
More results

Similar Description - 1-1318119-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
D-2100S MACOM-D-2100S Datasheet
3Mb / 18P
   D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178306-2 MACOM-178306-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178325-2 MACOM-178325-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178328-2 MACOM-178328-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
1-177648-8 MACOM-1-177648-8 Datasheet
3Mb / 22P
   Wire-to-Board, Wire-to-Panel and Wire-to-Wire
logo
List of Unclassifed Man...
51021 ETC2-51021 Datasheet
69Kb / 1P
   1.25mm (.049) Pitch Wire-to-Wire and Wire-to-Board Receptacle
logo
Molex Electronics Ltd.
5005920800 MOLEX11-5005920800 Datasheet
148Kb / 3P
   2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Housing
0638197700 MOLEX11-0638197700 Datasheet
45Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
0638197600 MOLEX11-0638197600 Datasheet
45Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
63823-5300 MOLEX11-63823-5300 Datasheet
38Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com