Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-1318119-3 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 1-1318119-3
Description  D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1318119-3 Datasheet(HTML) 4 Page - Tyco Electronics

  1-1318119-3 Datasheet HTML 1Page - Tyco Electronics 1-1318119-3 Datasheet HTML 2Page - Tyco Electronics 1-1318119-3 Datasheet HTML 3Page - Tyco Electronics 1-1318119-3 Datasheet HTML 4Page - Tyco Electronics 1-1318119-3 Datasheet HTML 5Page - Tyco Electronics 1-1318119-3 Datasheet HTML 6Page - Tyco Electronics 1-1318119-3 Datasheet HTML 7Page - Tyco Electronics 1-1318119-3 Datasheet HTML 8Page - Tyco Electronics 1-1318119-3 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
19
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-2000 Series (Continued)
AMP Dynamic Series Connectors
D-2 Contact and
Application Tooling
Crimp Type
(Gold plating : 0.38 µm)
Receptacle Contact
(Used on Receptacle Housing)
Tab Contact
(Used on Tab Housing)
Wire Range
AWG
mm2
Wire
Ins.
Diameter
Wire
Range
Mark
Application Tooling Part Number
Mini-Applicator**
Hand Tool
28
26
24
22
20
18
0.08
0.12
0.20
0.88~1.5
S
ST.
LP.
ST.
LP.
**
**
**
**
91576-1
91595-1
M
1.11~1.87
0.30
0.50
0.85
Contact Part Number*
Receptacle Contact
Tab Contact
1318106-1
1318108-1
1318105-1
1318107-1
1318110-1
1318112-1
1318109-1
1318111-1
* Strip Form contacts are for use with Mini-Applicators (automachines) and Loose-Piece contacts are for Hand Tools.
**Mini-Applicators are for use with automachines. (For part numbers, contact Technical Support.)
Application Tooling
AMP-3K/40 and AMP-5K/40
Terminating Machines
The AMP-3K/40 and AMP-5K/40 Terminators
are designed for customers that require the
increased output and quality of a semiautomatic
machine at a competitive price. By incorporat-
ing the most commonly requested features as
standard and offering a long list of optional
equipment, these terminators offer flexibility to
meet the specific needs of various applications
at the lowest possible cost.
• 3,000 lb. [1361 kg] max. crimp force
(AMP-3K/40)
5,000 lb. [2268 kg] max. crimp force
(AMP-5K/40)
• Toolless removal of applicators and guards
• Jog capability
• Quiet, fast operation — 80/76 dBA and cycle
time less than 0.400 seconds
• Accepts Heavy Duty Mini style applicators
• Wide range of optional equipment such as
toolless precision crimp height adjust, batch
counter, CQM capability and work light
• Order Catalog 1654856 for specifications
and part numbers
Hand Tool
The crimping section incorporates
Straight Action construction for
improved reliability as with
automachine.
Part No. :
See the chart above.
Minimum order quantity : 1
Mini-Applicator
Part Number : Contact Technical Support
Minimum order quantity : 1


Similar Part No. - 1-1318119-3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-1318114-3 TEC-1-1318114-3 Datasheet
200Kb / 4P
   Housing, Housing for Male Terminals, Wire-to-Wire, 6 Position .098 in [2.5 mm] Centerline, Crimp, 2 Row, Black, Mating Retention, Dynamic 2000 Series
More results

Similar Description - 1-1318119-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
D-2100S MACOM-D-2100S Datasheet
3Mb / 18P
   D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178306-2 MACOM-178306-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178325-2 MACOM-178325-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178328-2 MACOM-178328-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
1-177648-8 MACOM-1-177648-8 Datasheet
3Mb / 22P
   Wire-to-Board, Wire-to-Panel and Wire-to-Wire
logo
List of Unclassifed Man...
51021 ETC2-51021 Datasheet
69Kb / 1P
   1.25mm (.049) Pitch Wire-to-Wire and Wire-to-Board Receptacle
logo
Molex Electronics Ltd.
5005920800 MOLEX11-5005920800 Datasheet
148Kb / 3P
   2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Housing
0638197700 MOLEX11-0638197700 Datasheet
45Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
0638197600 MOLEX11-0638197600 Datasheet
45Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
63823-5300 MOLEX11-63823-5300 Datasheet
38Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com