Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKMG250E101MF11D Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EKMG250E101MF11D
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMG250E101MF11D Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EKMG250E101MF11D Datasheet HTML 1Page - United Chemi-Con, Inc. EKMG250E101MF11D Datasheet HTML 2Page - United Chemi-Con, Inc. EKMG250E101MF11D Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Low impedance, 105℃
Long-Life version of KZH series
Endurance with ripple current : 6,000 to 10,000 hours at 105℃
Newly innovative electrolyte is employed to minimize ESR
Rated voltage range : 6.3 to 50Vdc, Nominal capacitance range : 27 to 10,000µF
Non solvent resistant type
RoHS Compliant
120
0.40
0.50
0.60
0.75
0.85
1k
0.75
0.85
0.87
0.90
0.95
10k
0.90
0.94
0.95
0.95
0.98
100k
1.00
1.00
1.00
1.00
1.00
Capacitance (
µF)
Frequency (Hz)
27 to 180
220 to 560
680 to 1,800
2,200 to 3,900
4,700 to 10,000
◆RATED RIPPLE CURRENT MULTIPLIERS
Frequency Multipliers
Note : The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
Longer life
KZM
Lower Z
KZH
KZE
(1/3)
Sleeve(PET : Brown)
L'
15min.
4min.
Vent
(Exceptφ5 &φ6.3)
◆SPECIFICATIONS
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tanδ)
Low Temperature
Characteristics
Endurance
Shelf Life
Items
-40 to +105℃
6.3 to 50Vdc
±20% (M)
I=0.01CV or 3µA, whichever is greater.
Where, I : Max. leakage current (µA), C : Nominal capacitance (µF), V : Rated voltage (V)
Rated voltage (Vdc)
tanδ(Max.)
When nominal capacitance exceeds 1,000µF, add 0.02 to the value above for each 1,000µF increase.
Z(-25℃)/Z(+20℃)
Z(-40℃)/Z(+20℃)
The following specifications shall be satisfied when the capacitors are restored to 20℃ after subjected to DC voltage with the rated
ripple current is applied (the peak voltage shall not exceed the rated voltage) for the specified period of time at 105℃.
Time
φ5 &φ6.3 : 6,000hours φ8 : 8,000hours φ10 to φ18 : 10,000hours
Capacitance change
≦±25% of the initial value (6.3, 10Vdc : ≦± 30%)
D.F. (tanδ)
≦200% of the initial specified value
Leakage current
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20℃ after exposing them for 500 hours at 105℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
≦±25% of the initial value (6.3, 10Vdc : ≦±30%)
D.F. (tanδ)
≦200% of the initial specified value
Leakage current
≦The initial specified value
Characteristics
6.3V
0.22
10V
0.19
16V
0.16
25V
0.14
35V
0.12
50V
0.10
2 max.
3 max.
(at 20℃, 120Hz)
(at 20℃ after 2 minutes)
(at 20℃, 120Hz)
(at 120Hz)
◆DIMENSIONS [mm]
◆PART NUMBERING SYSTEM
5
0.5
2.0
φD
φd
F
φD'
L'
6.3
0.5
2.5
8
0.6
3.5
12.5
0.6
5.0
16
0.8
7.5
18
0.8
7.5
10
0.6
5.0
φD+0.5max.
L+1.5max.
(φ5 toφ10)
(φ12.5 toφ18)
Gas escape end seal
Terminal Code : E
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 100µF:101, 1,000µF:102)
Lead forming·taping code
Terminal code
Voltage code (ex. 6.3V:6R3, 10V:100)
Series code
Category
E K Z M A A A E A A A A A
A A A N
M
13
4
26
7
8
9
10
13
12
518
17
16
11
15
14
Please refer to "Product code guide (radial lead type)"
KZMSeries
CAT. No. E1001M


Similar Part No. - EKMG250E101MF11D

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMG250E101MF11D CHEMI-CON-EKMG250E101MF11D Datasheet
105Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKMG250E101MF11D CHEMI-CON-EKMG250E101MF11D Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKMG250E101MF11D CHEMI-CON-EKMG250E101MF11D Datasheet
69Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKMG250E101MF11D CHEMI-CON-EKMG250E101MF11D Datasheet
83Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKMG250E101MF11D CHEMI-CON-EKMG250E101MF11D Datasheet
98Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EKMG250E101MF11D

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com