Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC817XFP Datasheet(PDF) 7 Page - Sharp Corporation

Part # PC817XFP
Description  DIP 4pin General Purpose Photocoupler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC817XFP Datasheet(HTML) 7 Page - Sharp Corporation

Back Button PC817XFP Datasheet HTML 3Page - Sharp Corporation PC817XFP Datasheet HTML 4Page - Sharp Corporation PC817XFP Datasheet HTML 5Page - Sharp Corporation PC817XFP Datasheet HTML 6Page - Sharp Corporation PC817XFP Datasheet HTML 7Page - Sharp Corporation PC817XFP Datasheet HTML 8Page - Sharp Corporation PC817XFP Datasheet HTML 9Page - Sharp Corporation PC817XFP Datasheet HTML 10Page - Sharp Corporation PC817XFP Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Sheet No.: D2-A03101EN
Forward current IF (mA)
0
0
1
2
3
4
5
510
6
15
7mA
1mA
3mA
5mA
IC
=0.5mA
Ta
=25˚C
Fig.12 Collector-emitter Saturation Voltage
vs. Forward Current
5
5
5
5
5
5
80
60
40
20
0
−30
100
10
5
10
6
10
7
10
8
10
9
10
10
10
11
Ambient temperature Ta (˚C)
VCE
=50V
Fig.11 Collector Dark Current vs. Ambient
Temperature
0%
150%
100%
50%
−40
0
−20
20
40
60
80
100
Ambient temperature Ta (˚C)
IF
=1mA,VCE=5V
IF
=5mA,VCE=5V
Fig.9 Relative Current Transfer Ratio vs.
Ambient Temperature
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
IF
=20mA
IC
=1mA
Ambient temperature Ta (˚C)
−40
0
−20
20
40
60
80
100
Fig.10 Collector - emitter Saturation Voltage
vs. Ambient Temperature
7
PC817X Series
50˚C
25˚C
0˚C
0
2
0.5
1.0
1.5
2.0
2.5
3.0
3.5
5
10
20
50
100
200
500
1
−25˚C
Ta
=75˚C
Forward voltage VF (V)
Fig.7 Forward Current vs. Forward Voltage
0
0
5
1
10
15
20
25
30
23456789
20mA
10mA
5mA
Collector-emitter voltage VCE (V)
IF=30mA
PC (MAX.)
Ta=25˚C
Fig.8 Collector Current vs. Collector-emitter
Voltage


Similar Part No. - PC817XFP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC817XFP SHARP-PC817XFP Datasheet
286Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817XFPJ00F SHARP-PC817XFPJ00F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
More results

Similar Description - PC817XFP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC817XI1J00F SHARP-PC817XI1J00F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817XPJ000F SHARP-PC817XPJ000F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817X0J000F SHARP-PC817X0J000F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817XI3J00F SHARP-PC817XI3J00F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817X4J000F SHARP-PC817X4J000F Datasheet
286Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817XXNSZ1B SHARP-PC817XXNSZ1B Datasheet
1Mb / 14P
   DIP 4pin Photocoupler
DATE Jan.15.2018
PC814XP SHARP-PC814XP Datasheet
235Kb / 14P
   DIP 4pin AC Input Photocoupler
PC814X1J000F SHARP-PC814X1J000F Datasheet
272Kb / 14P
   DIP 4pin AC Input Photocoupler
PC123B SHARP-PC123B Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123CJ0000F SHARP-PC123CJ0000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com