Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PC817X1 Datasheet(PDF) 4 Page - Sharp Electrionic Components

Part No. PC817X1
Description  DIP 4pin General Purpose Photocoupler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

PC817X1 Datasheet(HTML) 4 Page - Sharp Electrionic Components

  PC817X1 Datasheet HTML 1Page - Sharp Electrionic Components PC817X1 Datasheet HTML 2Page - Sharp Electrionic Components PC817X1 Datasheet HTML 3Page - Sharp Electrionic Components PC817X1 Datasheet HTML 4Page - Sharp Electrionic Components PC817X1 Datasheet HTML 5Page - Sharp Electrionic Components PC817X1 Datasheet HTML 6Page - Sharp Electrionic Components PC817X1 Datasheet HTML 7Page - Sharp Electrionic Components PC817X1 Datasheet HTML 8Page - Sharp Electrionic Components PC817X1 Datasheet HTML 9Page - Sharp Electrionic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Sheet No.: D2-A03101EN
■ Electro-optical Characteristics
Parameter
Conditions
Forward voltage
Peak forward voltage
Reverse current
Collector dark current
Collector current
Collector-emitter saturation voltage
Isolation resistance
Floating capacitance
Cut-off frequency
MIN.
2.5
5
×1010
TYP.
1.2
0.1
1
×1011
0.6
80
4
3
MAX.
1.4
3.0
10
100
30.0
0.2
1.0
18
18
Unit
V
V
µA
nA
mA
V
pF
kHz
µs
µs
Symbol
VF
VFM
IR
ICEO
IC
VCE (sat)
RISO
fc
tr
tf
Cf
Response time
Rise time
Fall time
IF
=20mA
IFM
=0.5A
VR
=4V
Terminal capacitance
30
250
pF
Ct
V
=0, f=1kHz
VCE
=50V, IF=0
IF
=5mA, VCE=5V
IF
=20mA, IC=1mA
V
=0, f=1MHz
VCE
=2V, IC=2mA, RL=100Ω
VCE
=5V, IC=2mA, RL=100Ω, −3dB
DC500V, 40 to 60%RH
(Ta
=25˚C)
*5 From the production Date code "J5" (May 1997) to "P7" (July 2002), however the products were screened by BVCEO
≥70V.
Collector-emitter breakdown voltage
80
−−
V
BVCEO
IC
=0.1mA, IF=0
Emitter-collector breakdown voltage
6
−−
V
BVECO
IE
=10µA, IF=0
*5
■ Absolute Maximum Ratings
(Ta
=25˚C)
Parameter
Symbol
Unit
Forward current
mA
*1 Peak forward current
A
Power dissipation
mW
Collector-emitter voltage
V
Emitter-collector voltage
V
Collector current
mA
Collector power dissipation
mW
Total power dissipation
mW
*2 Isolation voltage
Operating temperature
˚C
Storage temperature
˚C
*3 Soldering temperature
IF
IFM
P
VCEO
VECO
IC
PC
Ptot
Viso (rms)
Topr
Tstg
Tsol
˚C
*1 Pulse width
≤100µs, Duty ratio : 0.001
*2 40 to 60%RH, AC for 1minute, f=60Hz
*3 For 10s
*4 Up to Date code "P7" (July 2002) VCEO : 35V.
Rating
50
1
Reverse voltage
V
VR
6
70
80
6
50
150
200
−30 to +100
−55 to +125
260
5.0
kV
*4
4
PC817X Series


Similar Part No. - PC817X1

ManufacturerPart No.DatasheetDescription
Sharp Electrionic Components
Sharp Electrionic Compo...
PC817X1 SHARP-PC817X1 Datasheet
286Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817X1J000F SHARP-PC817X1J000F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817X1NIP0F SHARP-PC817X1NIP0F Datasheet
523Kb / 14P
   Series Photocoupler
June 2008
PC817X1NIP1B SHARP-PC817X1NIP1B Datasheet
1Mb / 14P
   DIP 4pin Photocoupler
DATE Jan.15.2018
PC817X1NSZ0F SHARP-PC817X1NSZ0F Datasheet
952Kb / 13P
   PC817XxNSZ0F Series DC Photocoupler
January 2006
More results

Similar Description - PC817X1

ManufacturerPart No.DatasheetDescription
Sharp Electrionic Components
Sharp Electrionic Compo...
PC817XI1J00F SHARP-PC817XI1J00F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817XPJ000F SHARP-PC817XPJ000F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817X0J000F SHARP-PC817X0J000F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817XI3J00F SHARP-PC817XI3J00F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817X4J000F SHARP-PC817X4J000F Datasheet
286Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817XXNSZ1B SHARP-PC817XXNSZ1B Datasheet
1Mb / 14P
   DIP 4pin Photocoupler
DATE Jan.15.2018
PC814XP SHARP-PC814XP Datasheet
235Kb / 14P
   DIP 4pin AC Input Photocoupler
PC814X1J000F SHARP-PC814X1J000F Datasheet
272Kb / 14P
   DIP 4pin AC Input Photocoupler
PC123CJ0000F SHARP-PC123CJ0000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123B SHARP-PC123B Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz