Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVTFS5826NL Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVTFS5826NL
Description  60 V, 24 m, 20 A, Single N?묬hannel
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVTFS5826NL Datasheet(HTML) 2 Page - ON Semiconductor

  NVTFS5826NL Datasheet HTML 1Page - ON Semiconductor NVTFS5826NL Datasheet HTML 2Page - ON Semiconductor NVTFS5826NL Datasheet HTML 3Page - ON Semiconductor NVTFS5826NL Datasheet HTML 4Page - ON Semiconductor NVTFS5826NL Datasheet HTML 5Page - ON Semiconductor NVTFS5826NL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NVTFS5826NL
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
60
V
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 60 V
TJ = 25°C
1.0
mA
TJ = 125°C
10
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.5
2.5
V
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V, ID = 10 A
19
24
mW
VGS = 4.5 V, ID = 10 A
25
32
Forward Transconductance
gFS
VDS = 15 V, ID = 5 A
8
S
CHARGES AND CAPACITANCES
Input Capacitance
Ciss
VGS = 0 V, f = 1.0 MHz,
VDS = 25 V
850
pF
Output Capacitance
Coss
85
Reverse Transfer Capacitance
Crss
50
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 48 V, ID = 10 A
8.3
nC
Threshold Gate Charge
QG(TH)
1
nC
Gate−to−Source Charge
QGS
3
Gate−to−Drain Charge
QGD
4
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 48 V, ID = 10 A
16
nC
SWITCHING CHARACTERISTICS (Note 6)
Turn−On Delay Time
td(on)
VGS = 4.5 V, VDS = 48 V,
ID = 10 A
9
ns
Rise Time
tr
29
Turn−Off Delay Time
td(off)
14
Fall Time
tf
21
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 10 A
TJ = 25°C
0.8
1.2
V
TJ = 125°C
0.7
Reverse Recovery Time
tRR
VGS = 0 V, dlS/dt = 100 A/ms,
IS = 10 A
18
ns
Charge Time
ta
14
Discharge Time
tb
4
Reverse Recovery Charge
QRR
17
nC
5. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle ≤ 2%.
6. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NVTFS5826NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVTFS5826NL ONSEMI-NVTFS5826NL Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NVTFS5826NL ONSEMI-NVTFS5826NL Datasheet
117Kb / 6P
   60 V, 24 m, 20 A, Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com