Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ36 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # SMCJ36
Description  1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMCJ36 Datasheet(HTML) 4 Page - Diodes Incorporated

  SMCJ36 Datasheet HTML 1Page - Diodes Incorporated SMCJ36 Datasheet HTML 2Page - Diodes Incorporated SMCJ36 Datasheet HTML 3Page - Diodes Incorporated SMCJ36 Datasheet HTML 4Page - Diodes Incorporated SMCJ36 Datasheet HTML 5Page - Diodes Incorporated SMCJ36 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SMCJ5.0(C)A - SMCJ170(C)A
Document number: DS19003 Rev. 18 - 2
4 of 6
www.diodes.com
June 2012
© Diodes Incorporated
SMCJ5.0(C)A - SMCJ170(C)A
10 X 1000 Waveform
as defined by REA
0
25
50
75
100
125
150
175
200
100
75
50
25
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Pulse Derating Curve
A
°
1
10
100
1,000
10
100
1,000
10,000
V
, REVERSE STANDOFF VOLTAGE (V)
Fig. 2 Typical Total Capacitance
RWM
Measured at
zero bias
Unidirectional
Bidirectional
T = 25 C
j
°
f = 1.0 MHz
V
= 50 mV p-p
sig
0.1
1.0
0.1
10
100
1.0
10
1,000
10,000
T = 25 C
j
°
100
Non repetitive
pulse waveform
shown in Fig. 4
t, TIME (ms)
Fig. 4 Pulse Waveform
10
200
100
2
10
5
NUMBER OF CYCLES AT 60Hz
Fig. 5, Maximum Non-Repetitive Surge Current
20
50
100
1
0.0
1.0
2.0
3.0
0
25
50
75
100
125
150
175
200
T , LEAD TEMPERATURE ( C)
Fig. 6 Steady State Power Derating Curve
L
°
4.0
5.0


Similar Part No. - SMCJ36

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ36 DCCOM-SMCJ36 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Guangdong Juxing Electr...
SMCJ36 JUXING-SMCJ36 Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Yangzhou yangjie electr...
SMCJ36 YANGJIE-SMCJ36 Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMCJ36 LUGUANG-SMCJ36 Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
Formosa MS
SMCJ36 FORMOSA-SMCJ36 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
More results

Similar Description - SMCJ36

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
Weitron Technology
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ14CA-13 DIODES-SMCJ14CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ33CA-13 DIODES-SMCJ33CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5SMCJ WEITRON-1.5SMCJ Datasheet
2Mb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ12AT DIODES-SMCJ12AT Datasheet
49Kb / 1P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30150 Rev. B-5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com