Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMU1356-1R4 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # HMU1356-1R4
Description  SMT Power Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

HMU1356-1R4 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  HMU1356-1R4 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS compliant.
Low profile, SMD type.
High current.
Magnetic shielded.
High energy storage and low DCR.
Provided with embossed carrier tape packing.
Ideal for power source circuits, DC-DC converter, DC-AC inverters
inductor applications.
In addition to the standard versions shown here, customized inductors
are available to meet your exact requirements.
Mechanical Dimension :
Features
25
, 100KHz, 1V
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG) 252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
http://www.deltaww.com
SMT Power Inductor
HMU1345, 1350, 1356, 1358, 1360M & 1362M Type
OC
¡Ó
Electrical Characteristics :
139
UNIT : mm/inch
A = 12.60 0.4 / 0.496 0.016
B = 12.70 0.3 / 0.500 0.012
D = 8.95 / 0.352
E = 2.50 / 0.098
F = 9.50 / 0.374
G = 4.30 / 0.169
H = 1.90 / 0.075
RECOMMENDED PAD PATTERNS
8.4
3.0
3.8 10.0
C
D
E
F
G
B
H
H
A
13.5
L
(uH)
Li
(uH) MIN.
HEIGHT "C"
(mm/inch) MAX.
I
2
sat
(Adc)
(m
) MAX
DCR
rms
I
(Adc)
3
1
1. Tolerance of inductance is
20%.
2. Isat is the DC current which cause the inductance drop to Li.
O
3. Irms is the DC current which cause the surface temperature of the part increase less than 45 C.
OO
4. Operating temperature : -20 C to 105 C ( including self-temperature rise ).
HMU1345-3R2
3.2
2.56
9.0
9.2
9.5
4.5 / 0.177
HMU1345-5R6
5.6
4.50
14.5
5.8
8.0
4.5 / 0.177
HMU1350-1R4
1.4
1.12
3.7
16.0
14.0
5.0 / 0.197
HMU1350-1R6
1.6
1.28
3.7
15.0
14.0
5.0 / 0.197
HMU1350-4R0
4.0
3.20
3.7
7.0
14.0.
5.0 / 0.197
HMU1356-0R4
0.4
0.32
1.1
40.0
26.0
5.6 / 0.220
HMU1356-0R6
0.6
0.48
1.1
40.0
26.0
5.6 / 0.220
HMU1356-0R6HS
0.6
0.48
1.9
34.5
20.0
5.6 / 0.220
HMU1356-0R8
0.8
0.64
1.9
31.0
20.0
5.6 / 0.220
HMU1356-1R0LD
1.0
0.80
1.9
25.0
20.0
5.6 / 0.220
HMU1356-1R4
1.4
1.12
3.8
15.5
14.5
5.6 / 0.220
HMU1356-4R4
4.4
3.52
8.0
12.5
10.0
5.6 / 0.220
HMU1356-4R7HS
4.7
3.76
11.4
10.5
8.2
5.6 / 0.220
HMU1358-4R7
4.7
3.76
7.5
9.0
10.0
5.8 / 0.228
HMU1360M-3R1
3.1
2.48
8.0
14.0
10.0
6.0 / 0.236
HMU1362M-5R2
5.2
4.16
9.2
11.0
9.5
6.2 / 0.244


Similar Part No. - HMU1356-1R4

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
HMU1356H DELTA-HMU1356H Datasheet
206Kb / 1P
   SMT Power Inductor
HMU1356H-0R8 DELTA-HMU1356H-0R8 Datasheet
206Kb / 1P
   SMT Power Inductor
HMU1356H-1R4 DELTA-HMU1356H-1R4 Datasheet
206Kb / 1P
   SMT Power Inductor
HMU1356H-2R2 DELTA-HMU1356H-2R2 Datasheet
206Kb / 1P
   SMT Power Inductor
HMU1356H-3R2 DELTA-HMU1356H-3R2 Datasheet
206Kb / 1P
   SMT Power Inductor
More results

Similar Description - HMU1356-1R4

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
logo
Delta Electronics, Inc.
SIL104-1R5 DELTA-SIL104-1R5 Datasheet
83Kb / 1P
   SMT Power Inductor
SIWC1365 DELTA-SIWC1365 Datasheet
97Kb / 1P
   SMT Power Inductor
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
   SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
   SMT Power Inductor
logo
Delta Electronics, Inc.
HAL1345 DELTA-HAL1345 Datasheet
149Kb / 1P
   SMT Power Inductor
SIWC1350 DELTA-SIWC1350 Datasheet
96Kb / 1P
   SMT Power Inductor
SIQ1250R DELTA-SIQ1250R Datasheet
76Kb / 1P
   SMT Power Inductor
SIQ1055 DELTA-SIQ1055 Datasheet
211Kb / 1P
   SMT Power Inductor
SIQ126R DELTA-SIQ126R Datasheet
327Kb / 1P
   SMT Power Inductor
SIL530 DELTA-SIL530 Datasheet
92Kb / 1P
   SMT Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com