Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMU1056S-3R2 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # HMU1056S-3R2
Description  SMT Power Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

HMU1056S-3R2 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  HMU1056S-3R2 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C
E
F
D
I
G
H
A
B
8.5
2.0
11.0
2.9
3.8
2.5
Mechanical Dimension :
Features
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG) 252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
http://www.deltaww.com
At 25
: 100KHz, 1V
OC
SMT Power Inductor
HMU1056S Type
Electrical Characteristics :
UNIT : mm/inch
A = 10.40 / 0.409 Max.
B = 10.40 / 0.409 Max.
C = 5.60 / 0.220 Max.
D = 1.40 / 0.055
E = 3.80 / 0.150
F = 2.90 / 0.114
G = 2.60 / 0.102
H = 5.50 / 0.217
I = 2.60 / 0.102
PART NO.
IRATED
(Adc)
2
DCR
(m )
MAX
HMU1056S-R22
0.22
1.7
19.0
HMU1056S-R45
0.45
2.4
17.7
HMU1056S-0R8
0.80
4.1
13.0
HMU1056S-1R3
1.30
5.3
11.2
HMU1056S-1R8
1.80
7.5
9.0
HMU1056S-2R5
2.50
10.5
7.8
HMU1056S-3R2
3.20
12.4
7.4
HMU1056S-4R0
4.00
18.0
6.2
HMU1056S-5R0
5.00
23.8
4.9
(uH)
1
L
133
RECOMMENDED PAD PATTERNS
1. Tolerance of inductance : 0.22 ~ 0.45uH
30%
0.80~5.00uH
20%
2. IRATED is the DC current which cause the inductance drop less than 35%
(20% typical) of its nominal inductance without current and the surface
O
temperature of the part increase less than 45 C.
OO
3. Operating temperature : -20 C to 105 C ( including self-temperature rise ).
RoHS compliant.
Low profile, SMD type.
High current.
Magnetic shielded.
High energy storage and low DCR.
Provided with embossed carrier tape packing.
Ideal for power source circuits, DC-DC converter, DC-AC inverters
inductor applications.
In addition to the standard versions shown here, customized inductors
are available to meet your exact requirements.


Similar Part No. - HMU1056S-3R2

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
HMU1056H DELTA-HMU1056H Datasheet
151Kb / 1P
   SMT Power Inductor
HMU1056H-0R3 DELTA-HMU1056H-0R3 Datasheet
151Kb / 1P
   SMT Power Inductor
HMU1056H-0R5 DELTA-HMU1056H-0R5 Datasheet
151Kb / 1P
   SMT Power Inductor
HMU1056H-0R8 DELTA-HMU1056H-0R8 Datasheet
151Kb / 1P
   SMT Power Inductor
HMU1056H-1R2 DELTA-HMU1056H-1R2 Datasheet
151Kb / 1P
   SMT Power Inductor
More results

Similar Description - HMU1056S-3R2

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
logo
Delta Electronics, Inc.
SIL104-1R5 DELTA-SIL104-1R5 Datasheet
83Kb / 1P
   SMT Power Inductor
SIWC1365 DELTA-SIWC1365 Datasheet
97Kb / 1P
   SMT Power Inductor
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
   SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
   SMT Power Inductor
logo
Delta Electronics, Inc.
HAL1345 DELTA-HAL1345 Datasheet
149Kb / 1P
   SMT Power Inductor
SIWC1350 DELTA-SIWC1350 Datasheet
96Kb / 1P
   SMT Power Inductor
SIQ1250R DELTA-SIQ1250R Datasheet
76Kb / 1P
   SMT Power Inductor
SIQ1055 DELTA-SIQ1055 Datasheet
211Kb / 1P
   SMT Power Inductor
SIQ126R DELTA-SIQ126R Datasheet
327Kb / 1P
   SMT Power Inductor
SIL530 DELTA-SIL530 Datasheet
92Kb / 1P
   SMT Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com