Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2051 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2051
Description  High Voltage, High-Side Current Sense
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2051 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2051 Datasheet HTML 2Page - Linear Technology LTC2051 Datasheet HTML 3Page - Linear Technology LTC2051 Datasheet HTML 4Page - Linear Technology LTC2051 Datasheet HTML 5Page - Linear Technology LTC2051 Datasheet HTML 6Page - Linear Technology LTC2051 Datasheet HTML 7Page - Linear Technology LTC2051 Datasheet HTML 8Page - Linear Technology LTC2051 Datasheet HTML 9Page - Linear Technology LTC2051 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LTC6101/LTC6101HV
6
6101fh
TYPICAL PERFORMANCE CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC6101C/LTC6101HVC are guaranteed to meet specified
performance from 0°C to 70°C. The LTC6101C/LTC6101HVC are designed,
characterized and expected to meet specified performance from –40°C to
85°C but are not tested or QA sampled at these temperatures. LTC6101I/
LTC6101HVI are guaranteed to meet specified performance from –40°C
to 85°C. The LTC6101H/LTC6101HVH are guaranteed to meet specified
performance from –40°C to 125°C.
Note 3: ROUT = 10k for 6V ≤ VS ≤ 100V, ROUT = 2k for VS = 4V.
LTC6101: IOUT Maximum
vs Temperature
Input VOS vs Temperature
Input VOS vs Supply Voltage
Input Sense Range
LTC6101: VOUT Maximum
vs Temperature
LTC6101HV: VOUT Maximum
vs Temperature
440
10
20
30
50
100
60
70
80
90
VSUPPLY (V)
2.5
2
1.5
1
0.5
0
6101 G05
TA = 125°C
TA = 85°C
TA = 70°C
TA = 0°C
TA = –40°C
RIN = 3k
ROUT = 3k
TA = 25°C
LTC6101
LTC6101HV
TEMPERATURE (°C)
12
10
8
6
4
2
0
–40
40
80
120
100
–20
6101 G06
020
60
VS = 60V
VS = 12V
VS = 6V
VS = 4V
TEMPERATURE (°C)
7
6
5
4
3
2
1
0
–40
40
80
120
100
–20
6101 G07
020
60
VS = 12V
VS = 60V
VS = 6V
VS = 4V
800
600
400
200
0
–200
–400
–600
–800
–1000
6101 G01
TEMPERATURE (°C)
–40
120
040
80
–20
20
60
100
A GRADE
B GRADE
C GRADE
RIN = 100
ROUT = 5k
VIN = 5mV
REPRESENTATIVE
UNITS
TEMPERATURE (°C)
12
10
8
6
4
2
0
–40
40
80
120
100
–20
6101 G20
020
60
VS = 100V
VS = 12V
VS = 5V
VS = 6V
VS = 4V
VSUPPLY (V)
40
20
0
–20
–40
–60
–80
–100
–120
–140
6101 G02
432
11
18
25
39
46
53
60
RIN = 100
ROUT = 5k
VIN = 5mV
TA = 125°C
TA = 85°C
TA = 25°C
TA = –40°C
TA = 0°C


Similar Part No. - LTC2051

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2051 LINER-LTC2051 Datasheet
117Kb / 4P
   Dual Zero-Drift Operational Amplifier
LTC2051 LINER-LTC2051 Datasheet
150Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
LTC2051 LINER-LTC2051 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC2051 LINER-LTC2051 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Analog Devices
LTC2051 AD-LTC2051 Datasheet
923Kb / 29P
   36 V, Low Noise, Zero Drift Op Amp
Rev. 0
More results

Similar Description - LTC2051

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6115 AD-LTC6115 Datasheet
1Mb / 20P
   High Voltage High Side Current and Voltage Sense
logo
STMicroelectronics
TSC1031 STMICROELECTRONICS-TSC1031 Datasheet
534Kb / 26P
   High-voltage, high-side current sense amplifier
TSC103 STMICROELECTRONICS-TSC103 Datasheet
370Kb / 23P
   High-voltage, high-side current sense amplifier
logo
Analog Devices
LTC6101 AD-LTC6101 Datasheet
286Kb / 22P
   High Voltage High-Side Current Sense Amplifier
logo
Linear Technology
LTC6103 LINER-LTC6103 Datasheet
269Kb / 16P
   Dual High Voltage, High Side Current Sense Amplifier
LTC6103 LINER-LTC6103_15 Datasheet
278Kb / 16P
   Dual High Voltage, High Side Current Sense Amplifier
logo
STMicroelectronics
CS70 STMICROELECTRONICS-CS70 Datasheet
772Kb / 24P
   High side current sense high voltage op amp
March 2014 Rev 1
CS30 STMICROELECTRONICS-CS30 Datasheet
689Kb / 18P
   High side current sense high voltage op amp
March 2014 Rev 1
logo
Linear Technology
LTC6104 LINER-LTC6104_15 Datasheet
315Kb / 16P
   High Voltage, High Side, Bi-Directional Current Sense Amplifier
logo
STMicroelectronics
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
   High-side current sense amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com