Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1206DRX7R0N472 Datasheet(PDF) 11 Page - YAGEO Corporation

Part # CC1206DRX7R0N472
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC1206DRX7R0N472 Datasheet(HTML) 11 Page - YAGEO Corporation

Back Button CC1206DRX7R0N472 Datasheet HTML 7Page - YAGEO Corporation CC1206DRX7R0N472 Datasheet HTML 8Page - YAGEO Corporation CC1206DRX7R0N472 Datasheet HTML 9Page - YAGEO Corporation CC1206DRX7R0N472 Datasheet HTML 10Page - YAGEO Corporation CC1206DRX7R0N472 Datasheet HTML 11Page - YAGEO Corporation CC1206DRX7R0N472 Datasheet HTML 12Page - YAGEO Corporation CC1206DRX7R0N472 Datasheet HTML 13Page - YAGEO Corporation CC1206DRX7R0N472 Datasheet HTML 14Page - YAGEO Corporation CC1206DRX7R0N472 Datasheet HTML 15Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Mid-voltage
NP0
/X7R 100 V to 630 V
www.yageo.com
Feb 02, 2012 V.9
Surface-Mount Ceramic Multilayer Capacitors
11
23
Product specification
CAPACITANCE RANGE & THICKNESS FOR NP0
Table 9 Sizes from 1808 to 1812 (continued)
CAP.
1808
1812
Last 2-digit of
12NC
100 V
200 V
250 V
500 V
630 V
100 V
200 V
250 V
500 V
630 V
100 pF
36
120 pF
37
150 pF
38
180 pF
39
220 pF
41
270 pF
42
330 pF
43
390 pF
44
470 pF
45
560 pF
46
680 pF
47
820 pF
48
1 nF
49
1.2 nF
51
1.5 nF
52
1.25±0.2
1.8 nF
53
2.2 nF
54
1.25±0.2
2.7 nF
55
1.25±0.2
1.6±0.2
3.3 nF
56
3.9 nF
57
4.7 nF
58
1.25±0.2
1.25±0.2
5.6 nF
59
1.25±0.2 1.25±0.2 1.25±0.2
1.25±0.2
6.8 nF
61
8.2 nF
62
10 nF
63
12 nF
64
15 nF
65
18 nF
66
22 nF
67
1.25±0.2
NOTE
1. Values in shaded cells indicate thickness class in mm
2. Capacitance value of non E-12 series is on request


Similar Part No. - CC1206DRX7R0N472

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC1206DRX7R0BB121 YAGEO-CC1206DRX7R0BB121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
TDK Electronics
CC1206DRX7R0BB121 TDK-CC1206DRX7R0BB121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
YAGEO Corporation
CC1206DRX7R0BB121 YAGEO-CC1206DRX7R0BB121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206DRX7R0BN121 YAGEO-CC1206DRX7R0BN121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
TDK Electronics
CC1206DRX7R0BN121 TDK-CC1206DRX7R0BN121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC1206DRX7R0N472

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com