Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6401-20 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC6401-20
Description  2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6401-20 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC6401-20 Datasheet HTML 7Page - Linear Technology LTC6401-20 Datasheet HTML 8Page - Linear Technology LTC6401-20 Datasheet HTML 9Page - Linear Technology LTC6401-20 Datasheet HTML 10Page - Linear Technology LTC6401-20 Datasheet HTML 11Page - Linear Technology LTC6401-20 Datasheet HTML 12Page - Linear Technology LTC6401-20 Datasheet HTML 13Page - Linear Technology LTC6401-20 Datasheet HTML 14Page - Linear Technology LTC6401-20 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
//htmlimg2.alldatasheet.com/htmldatasheet2/547462/LINER/LTC6401-20/1743/11/LTC6401-20.png


Similar Part No. - LTC6401-20

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6401-20 LINER-LTC6401-20 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LTC6401-20 LINER-LTC6401-20 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
LTC6401-20 LINER-LTC6401-20 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6401-20 LINER-LTC6401-20 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC
LTC6401-20 LINER-LTC6401-20 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
More results

Similar Description - LTC6401-20

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6405 LINER-LTC6405_15 Datasheet
442Kb / 26P
   2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifier/Driver
LTC6405 LINER-LTC6405 Datasheet
286Kb / 24P
   2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
logo
Analog Devices
AD8139 AD-AD8139_15 Datasheet
775Kb / 25P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
AD8139 AD-AD8139 Datasheet
720Kb / 24P
   Low Noise Rail-to-Rail Differential ADC Driver
REV. A
AD8139 AD-AD8139_16 Datasheet
613Kb / 27P
   Low Noise, Rail-to-Rail, Differential ADC Driver
AD8139 AD-AD8139_07 Datasheet
685Kb / 24P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
logo
Linear Technology
LTC6406 LINER-LTC6406 Datasheet
271Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406 LINER-LTC6406_15 Datasheet
330Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
logo
Texas Instruments
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521 Datasheet
1Mb / 43P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com