Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3405 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3405
Description  Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3405 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3405 Datasheet HTML 5Page - Linear Technology LTC3405 Datasheet HTML 6Page - Linear Technology LTC3405 Datasheet HTML 7Page - Linear Technology LTC3405 Datasheet HTML 8Page - Linear Technology LTC3405 Datasheet HTML 9Page - Linear Technology LTC3405 Datasheet HTML 10Page - Linear Technology LTC3405 Datasheet HTML 11Page - Linear Technology LTC3405 Datasheet HTML 12Page - Linear Technology LTC3405 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC4065/LTC4065A
4065fb
SI
PLIFIED BLOCK DIAGRA S
Figure 1b. LTC4065A Block Diagram
+
+
–+
–+
2
+
MP
M2
×1
M1
×1000
VCC
VCC
R1
R2
ENABLE
4V
R3
R4
R5
2.9V
CHRG
6
PROG
1
GND
4056 F01b
RPROG
BAT
1V
PROG
C/10
C2
C3
0.1V
1.2V
VBAT + 80mV
3.6V
0.1V
D2
D3
D1
TDIE
115
°C
1.2V
REF
CA
MA
LOBAT
+
C1
VA
5
ACPR
3
4
BAT
LOGIC
COUNTER
OSCILLATOR
SHUTDOWN
CHARGE CONTROL
+
TA
OPERATIO
The LTC4065 is a linear battery charger designed primarily
for charging single cell lithium-ion batteries. Featuring an
internal P-channel power MOSFET, the charger uses a
constant-current/constant-voltage charge algorithm with
programmable current. Charge current can be programmed
up to 750mA with a final float voltage accuracy of
±0.6%.
The CHRG open-drain status output indicates if C/10 has
been reached. No blocking diode or external sense resistor
is required; thus, the basic charger circuit requires only
two external components. The ACPR pin (LTC4065A)
monitors the status of the input voltage with an open-drain
output. An internal termination timer and trickle charge
low-battery conditioning adhere to battery manufacturer
safety guidelines. Furthermore, the LTC4065 is capable of
operating from a USB power source.
An internal thermal limit reduces the programmed charge
current if the die temperature attempts to rise above a
preset value of approximately 115
°C. This feature protects
the LTC4065 from excessive temperature and allows the
user to push the limits of the power handling capability of
a given circuit board without risk of damaging the LTC4065
or external components. Another benefit of the LTC4065
thermal limit is that charge current can be set according to


Similar Part No. - LTC3405

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3405 LINER-LTC3405 Datasheet
239Kb / 16P
   1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
logo
Linear Integrated Syste...
LTC3405 LINEAR-LTC3405 Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC3405 LINER-LTC3405 Datasheet
229Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT
LTC3405 LINER-LTC3405 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3405 LINER-LTC3405 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
More results

Similar Description - LTC3405

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065 LINER-LTC4065 Datasheet
188Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065LXEDC LINER-LTC4065LXEDC Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
logo
Linear Integrated Syste...
LTC4065LEDC LINEAR-LTC4065LEDC Datasheet
206Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
logo
Linear Technology
LTC4065-4.4 LINER-LTC4065-4.4 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN
LTC4065L LINER-LTC4065L Datasheet
173Kb / 16P
   Standalone 250mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4069 LINER-LTC4069_15 Datasheet
578Kb / 18P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN with NTC Thermistor Input
logo
Linear Integrated Syste...
LTC4069EDC LINEAR-LTC4069EDC Datasheet
522Kb / 18P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN with NTC Thermistor Input
logo
Linear Technology
LTC4069 LINER-LTC4069 Datasheet
193Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4069-4.4 LINER-LTC4069-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4065-4.4 LINER-LTC4065-4.4_15 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com