Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT8705 Datasheet(PDF) 10 Page - Linear Technology

Part # LT8705
Description  High Efficiency, Synchronous,4-Switch Buck-Boost Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT8705 Datasheet HTML 6Page - Linear Technology LT8705 Datasheet HTML 7Page - Linear Technology LT8705 Datasheet HTML 8Page - Linear Technology LT8705 Datasheet HTML 9Page - Linear Technology LT8705 Datasheet HTML 10Page - Linear Technology LT8705 Datasheet HTML 11Page - Linear Technology LT8705 Datasheet HTML 12Page - Linear Technology LT8705 Datasheet HTML 13Page - Linear Technology LT8705 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LTC3780
10
3780ff
For more information www.linear.com/LTC3780
PGOOD (Pin 1/Pin 30): Open-Drain Logic Output. PGOOD
is pulled to ground when the output voltage is not within
±7.5% of the regulation point.
SS (Pin 2/Pin 31): Soft-start reduces the input power
sources’ surge currents by gradually increasing the
controller’s current limit. A minimum value of 6.8nF is
recommended on this pin.
SENSE+ (Pin 3/Pin 1): The (+) Input to the Current Sense
and Reverse Current Detect Comparators. The ITHpinvolt-
ageandbuilt-inoffsetsbetweenSENSEandSENSE+pins,
in conjunction with RSENSE, set the current trip threshold.
SENSE(Pin 4/Pin 2): The (–) Input to the Current Sense
and Reverse Current Detect Comparators.
ITH (Pin 5/Pin 3): Current Control Threshold and Error
Amplifier Compensation Point. The current comparator
threshold increases with this control voltage. The voltage
ranges from 0V to 2.4V.
VOSENSE (Pin 6/Pin 4): Error Amplifier Feedback Input.
This pin connects the error amplifier input to an external
resistor divider from VOUT.
SGND(Pin7/Pin5,ExposedPadPin33):SignalGround.All
small-signal components and compensation components
shouldconnecttothisground,whichshouldbeconnected
to PGND at a single point. The QFN exposed pad must be
soldered to PCB ground for electrical connection and rated
thermal performance.
RUN (Pin 8/Pin 6): Run Control Input. Forcing the RUN
pin below 1.5V causes the IC to shut down the switching
regulator circuitry. There is a 100k resistor between the
RUN pin and SGND in the IC. Do not apply >6V to this pin.
FCB (Pin 9/Pin 7): Forced Continuous Control Input. The
voltage applied to this pin sets the operating mode of the
controller. When the applied voltage is less than 0.8V, the
forced continuous current mode is active. When this pin
is allowed to float, the Burst Mode operation is active in
boost operation and the skip-cycle mode is active in buck
operation. When the pin is tied to INTVCC, the constant
frequency discontinuous current mode is active in buck
or boost operation.
PLLFLTR (Pin 10/Pin 8): The phase-locked loop’s
lowpass filter is tied to this pin. Alternatively, this pin can
be driven with an AC or DC voltage source to vary the
frequency of the internal oscillator.
PLLIN (Pin 11/Pin 10): External Synchronization Input to
Phase Detector. This pin is internally terminated to SGND
with 50kΩ. The phase-locked loop will force the rising
bottom gate signal of the controller to be synchronized
with the rising edge of the PLLIN signal.
STBYMD (Pin 12/Pin 11): LDO Control Pin. Determines
whether the internal LDO remains active when the control-
ler is shut down. See Operation section for details. If the
STBYMD pin is pulled to ground, the SS pin is internally
pulled to ground, preventing start-up and thereby provid-
ing a single control pin for turning off the controller. To
keep the LDO active when RUN is low, for example to
power a “wake up” circuit which controls the state of the
RUN pin, bypass STBYMD to signal ground with a 0.1µF
capacitor, or use a resistor divider from VIN to keep the
pin within 2V to 5V.
BOOST2, BOOST1 (Pins 13, 24/Pins 14, 27): Boosted
Floating Driver Supply. The (+) terminal of the bootstrap
capacitorCAandCB(Figure11)connectshere.TheBOOST2
pin swings from a diode voltage below INTVCC up to VIN
+ INTVCC. The BOOST1 pin swings from a diode voltage
below INTVCC up to VOUT + INTVCC.
TG2,TG1(Pins14,23/Pins15,26):TopGateDrive.Drives
the top N-channel MOSFET with a voltage swing equal to
INTVCC superimposed on the switch node voltage SW.
SW2,SW1(Pins15,22/Pins17,24):SwitchNode.The(–)
terminal of the bootstrap capacitor CA and CB (Figure 11)
connects here. The SW2 pin swings from a Schottky diode
(external) voltage drop below ground up to VIN. The SW1
pin swings from a Schottky diode (external) voltage drop
below ground up to VOUT.
pin FuncTions (SSOP/QFN)


Similar Part No. - LT8705

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8705 LINER-LT8705 Datasheet
290Kb / 24P
   Wide Input Range Synchronous Regulator Controller with Accurate Current Limit
LT8705 LINER-LT8705 Datasheet
1Mb / 32P
   60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
LT8705 LINER-LT8705 Datasheet
1Mb / 30P
   60V 2MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
LT8705 LINER-LT8705 Datasheet
523Kb / 38P
   60V PolyPhase Synchronous Boost Controller
LT8705 LINER-LT8705 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
More results

Similar Description - LT8705

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3780 LINER-LTC3780_15 Datasheet
629Kb / 30P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3780 LINER-LTC3780 Datasheet
421Kb / 28P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3789 LINER-LTC3789_15 Datasheet
535Kb / 30P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3789 LINER-LTC3789 Datasheet
491Kb / 28P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3780EG-PBF LINER-LTC3780EG-PBF Datasheet
629Kb / 30P
   High Efficiency, Synchronous 4-Switch Buck-Boost Controller
LT3791EFE-1 LINER-LT3791EFE-1 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
LT3790 LINER-LT3790_15 Datasheet
451Kb / 28P
   60V Synchronous 4-Switch Buck-Boost Controller
logo
Renesas Technology Corp
ISL81401 RENESAS-ISL81401 Datasheet
3Mb / 47P
   40V 4-Switch Synchronous Buck-Boost Controller
Jan 27, 2022
logo
Linear Technology
LT3791-1 LINER-LT3791-1_15 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
LTC3780 LINER-LTC3780_12 Datasheet
392Kb / 28P
   High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com