Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSD2007A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # SSD2007A
Description  Dual N-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SSD2007A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SSD2007A Datasheet HTML 1Page - Fairchild Semiconductor SSD2007A Datasheet HTML 2Page - Fairchild Semiconductor SSD2007A Datasheet HTML 3Page - Fairchild Semiconductor SSD2007A Datasheet HTML 4Page - Fairchild Semiconductor SSD2007A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics (T
A=25℃ unless otherwise specified)
Drain-Source Breakdown Voltage
Gate Threshold Voltage
Gate-Source Leakage , Forward
Gate-Source Leakage , Reverse
Characteristic
Symbol
Max. Units
Typ.
Min.
Test Condition
Static Drain-Source
On-State Resistance(2)
Forward Transconductance
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
Total Gate Charge
Gate-Source Charge
Gate-Drain (“Miller”) Charge
g
fs
t
d(on)
t
r
t
d(off)
t
f
Q
g
Q
gs
Q
gd
BV
DSS
V
GS(th)
R
DS(on)
I
GSS
I
DSS
V
V
μA
μA
μA
S
ns
nC
--
--
--
--
--
--
--
--
V
GS=0V,ID=250μA
V
DS= VGS ,ID=250μA
V
GS=20V
V
GS=-20V
V
DS=50V
V
DS=40V,TJ=55℃
V
GS=10V,ID=1.5A
V
GS=5.0V,ID=0.6A
V
DS ≥15V,ID=2.0A
V
DD=30V,ID=0.6A,
Z
0=6.0Ω,
V
DS=25V,VGS=10V,
I
D=1.3A
Drain-to-Source Leakage Current
Source-Drain Diode Ratings and Characteristics
Continuous Source Current
(Body Diode)
Diode Forward Voltage(2)
Reverse Recovery Time
I
S
Characteristic
Symbol
Max. Units
Typ.
Min.
Test Condition
--
--
--
--
--
A
V
ns
Modified MOSFET Symbol
Showing the Integral Reverse
P-N Junction Rectifier
I
DON
On-State Drain-Source Current(2)
AV
GS=10V,VDS=5V
V
SD
t
rr
T
J=25℃,IS=1.25A,VGS=0V
T
J=25℃,IF=2.5A,diF/dt=100A/μs
600
2.0
--
--
--
--
8.0
--
--
--
--
--
--
--
--
4.0
1.0
-1.0
2
25
--
0.3
0.5
--
40
70
100
70
15
--
--
2.5
--
--
--
--
--
1.0
2.0
--
--
--
--
--
1.8
1.2
100
Thermal Resistance
Junction-to-Ambient
RθJA
℃/W
Characteristic
Max.
Units
Symbol
Typ.
Notes ;
(1) T
J= 25℃ to 150℃
(2) Pulse Test : Pulse Width ≤ 300μs, Duty Cycle ≤ 2%
--
62.5
○ D
S
G
Dual N-CHANNEL
POWER MOSFET
SSD2007A


Similar Part No. - SSD2007A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SSD2009 FAIRCHILD-SSD2009 Datasheet
183Kb / 5P
   Dual N-CHANNEL POWER MOSFET
SSD2009A FAIRCHILD-SSD2009A Datasheet
183Kb / 5P
   Dual N-CHANNEL POWER MOSFET
SSD2009A FAIRCHILD-SSD2009A Datasheet
189Kb / 5P
   Dual N-CHANNEL POWER MOSFET
SSD2009ATF FAIRCHILD-SSD2009ATF Datasheet
189Kb / 5P
   Dual N-CHANNEL POWER MOSFET
More results

Similar Description - SSD2007A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCQ05N06 MCC-MCQ05N06 Datasheet
513Kb / 4P
   Dual N-Channel Power MOSFET
logo
Fairchild Semiconductor
SSD2009ATF FAIRCHILD-SSD2009ATF Datasheet
189Kb / 5P
   Dual N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NTMFD4902NF ONSEMI-NTMFD4902NF Datasheet
109Kb / 10P
   Dual N-Channel Power MOSFET
September, 2015 ??Rev. 5
NTMFD4901NF ONSEMI-NTMFD4901NF_14 Datasheet
113Kb / 12P
   Dual N-Channel Power MOSFET
June, 2014 ??Rev. 6
logo
Fairchild Semiconductor
SSD2025 FAIRCHILD-SSD2025 Datasheet
183Kb / 5P
   Dual N-CHANNEL POWER MOSFET
logo
Micro Commercial Compon...
MCCD2005 MCC-MCCD2005 Datasheet
618Kb / 4P
   Dual N-Channel Power MOSFET
MCCD2007 MCC-MCCD2007 Datasheet
613Kb / 4P
   Dual N-Channel Power MOSFET
logo
ON Semiconductor
ENA2329 ONSEMI-ENA2329 Datasheet
509Kb / 6P
   Dual N-Channel Power MOSFET
July, 2014
logo
Taiwan Semiconductor Co...
TSM250N02D TSC-TSM250N02D Datasheet
251Kb / 6P
   Dual N-Channel Power MOSFET
logo
ON Semiconductor
NVMFD6H846NL ONSEMI-NVMFD6H846NL Datasheet
210Kb / 7P
   MOSFET - Power, Dual N-Channel
March, 2020 ??Rev. 0
NTMFD4C20N ONSEMI-NTMFD4C20N Datasheet
165Kb / 12P
   Dual N-Channel Power MOSFET
December, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com