Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRCW12100000FKTA Datasheet(PDF) 5 Page - Vishay Siliconix

Part # CRCW12100000FKTA
Description  Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW12100000FKTA Datasheet(HTML) 5 Page - Vishay Siliconix

  CRCW12100000FKTA Datasheet HTML 1Page - Vishay Siliconix CRCW12100000FKTA Datasheet HTML 2Page - Vishay Siliconix CRCW12100000FKTA Datasheet HTML 3Page - Vishay Siliconix CRCW12100000FKTA Datasheet HTML 4Page - Vishay Siliconix CRCW12100000FKTA Datasheet HTML 5Page - Vishay Siliconix CRCW12100000FKTA Datasheet HTML 6Page - Vishay Siliconix CRCW12100000FKTA Datasheet HTML 7Page - Vishay Siliconix CRCW12100000FKTA Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.vishay.com
For technical questions, contact: thickfilmchip@vishay.com
Document Number: 20008
122
Revision: 18-Nov-10
D/CRCW
Vishay
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
- 55
- 25
0
25
50
75
100
125
155 175
120
100
80
60
40
20
0
70
Derating
Ambient Temperature in °C
10
120
Resistance Value
R in Ω
Non-Linearity
100
80
40
60
20
0
100
1K
10K
100K
1M
10M
1206, 2010
0805
0603
0402
100
1K
10K
100K
1M
10M
100
10
1
0.1
0.01
Current Noise
2010
1206
08
05
0603
0402
Resistance Value
R in Ω


Similar Part No. - CRCW12100000FKTA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW12100000FKTA VISHAY-CRCW12100000FKTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
More results

Similar Description - CRCW12100000FKTA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW060386K6FKEA VISHAY-CRCW060386K6FKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW120682K5FKEA VISHAY-CRCW120682K5FKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0402475RFKED VISHAY-CRCW0402475RFKED Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW080547R0FKEA VISHAY-CRCW080547R0FKEA Datasheet
136Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0805562RFKTA VISHAY-CRCW0805562RFKTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0603680RFKTA VISHAY-CRCW0603680RFKTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0603100RFKTA VISHAY-CRCW0603100RFKTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW08050000ZSTA VISHAY-CRCW08050000ZSTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW120675K0FKEA VISHAY-CRCW120675K0FKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW25122K40JNEG VISHAY-CRCW25122K40JNEG Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0805499KFKEA VISHAY-CRCW0805499KFKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com