Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRCW2010MZKEA Datasheet(PDF) 6 Page - Vishay Siliconix

Part # CRCW2010MZKEA
Description  Standard Thick Film Chip Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW2010MZKEA Datasheet(HTML) 6 Page - Vishay Siliconix

  CRCW2010MZKEA Datasheet HTML 1Page - Vishay Siliconix CRCW2010MZKEA Datasheet HTML 2Page - Vishay Siliconix CRCW2010MZKEA Datasheet HTML 3Page - Vishay Siliconix CRCW2010MZKEA Datasheet HTML 4Page - Vishay Siliconix CRCW2010MZKEA Datasheet HTML 5Page - Vishay Siliconix CRCW2010MZKEA Datasheet HTML 6Page - Vishay Siliconix CRCW2010MZKEA Datasheet HTML 7Page - Vishay Siliconix CRCW2010MZKEA Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
For technical questions, contact: thickfilmchip@vishay.com
Document Number: 20035
130
Revision: 04-Jun-12
D/CRCW e3
Vishay
Standard Thick Film Chip Resistors
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
R)
SIZE 0402 to 2512
STABILITY
CLASS 1
OR BETTER
STABILITY
CLASS 2
OR BETTER
Stability for product types:
D/CRCW e3
1
 to 10 M
4.5
-
Resistance
-
± 1 %
± 5 %
4.7
-
Voltage proof
U = 1.4 x Uins; 60 s
No flashover or breakdown
4.13
-
Short time overload
U = 2.5 x
 2 x U
max.;
duration: Acc. to style
±
0.25 % R + 0.05)±0.5 % R + 0.05)
4.17.2
58 (Td)
Solderability
Solder bath method;
Sn60Pb40
non activated flux;
(235 ± 5) °C
(2 ± 0.2) s
Good tinning (
 95 % covered)
no visible damage
Solder bath method;
Sn96.5Ag3Cu0.5
non-activated flux;
(245 ± 5)
C
(3 ± 0.3) s
Good tinning (
 95 % covered)
no visible damage
4.8.4.2
-
Temperature
coefficient
(20/- 55/20)
C and
(20/125/20)
C
± 100 ppm/K
± 200 ppm/K
4.32
21 (Uu3)
Shear
(adhesion)
RR 1608 and smaller: 9 N
RR 2012 and larger: 45 N
No visible damage
4.33
21 (Uu1)
Substrate bending
Depth 2 mm;
3 times
No visible damage, no open circuit in bent position
± (0.25 % R + 0.05
)
4.19
14 (Na)
Rapid change of
temperature
30 min. at - 55 °C;
30 min. at 125 °C
5 cycles
± (0.25 % R + 0.05
)
± (0.5 % R + 0.05
)
1000 cycles
± (1 % R + 0.05
)± (1 % R + 0.05 )
4.23
-
Climatic sequence:
-
± (1 % R + 0.05
)± (2 % R + 0.1 )
4.23.2
2 (Ba)
Dry heat
125 °C; 16 h
4.23.3
30 (Db)
Damp heat, cyclic
55 °C;
 90 % RH;
24 h; 1 cycle
4.23.4
1 (Aa)
Cold
- 55 °C; 2 h
4.23.5
13 (M)
Low air pressure
1 kPa; (25 ± 10) °C; 1 h
4.23.6
30 (Db)
Damp heat, cyclic
55 °C;
 90 % RH;
24 h; 5 cycles
4.23.7
-
DC load
U =
4.25.1
-
Endurance
at 70 °C
U =
 U
max.;
1.5 h on; 0.5 h off;
70 °C; 1000 h
± (1 % R + 0.05
)± (2 % R + 0.1 )
70 °C; 8000 h
± (2 % R + 0.1
)± (4 % R + 0.1 )
P
70 x R
P
70 x R
P
70 x R


Similar Part No. - CRCW2010MZKEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW2010MZKEA VISHAY-CRCW2010MZKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW2010MZKEA VISHAY-CRCW2010MZKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW2010MZKEA VISHAY-CRCW2010MZKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW2010MZKEA VISHAY-CRCW2010MZKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW2010MZKEA VISHAY-CRCW2010MZKEA Datasheet
138Kb / 10P
   Standard Thick Film Chip Resistors
05-Aug-2022
More results

Similar Description - CRCW2010MZKEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW12062K00JNEA VISHAY-CRCW12062K00JNEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
logo
Vicor Corporation
CRCW120647K0FKEA VICOR-CRCW120647K0FKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
logo
Vishay Siliconix
CRCW040249R9FKED VISHAY-CRCW040249R9FKED Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW1206100RFKEA VISHAY-CRCW1206100RFKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW06031K74FKEA VISHAY-CRCW06031K74FKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW04021K80FKED VISHAY-CRCW04021K80FKED Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW251210R0FKEG VISHAY-CRCW251210R0FKEG Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW080549K9FKEA VISHAY-CRCW080549K9FKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW0805200RFKEA VISHAY-CRCW0805200RFKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW040247K0JNED VISHAY-CRCW040247K0JNED Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW0805100MJPEAHR VISHAY-CRCW0805100MJPEAHR Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com