Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1812GRX7RCBN101 Datasheet(PDF) 9 Page - YAGEO Corporation

Part # CC1812GRX7RCBN101
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC1812GRX7RCBN101 Datasheet(HTML) 9 Page - YAGEO Corporation

Back Button CC1812GRX7RCBN101 Datasheet HTML 5Page - YAGEO Corporation CC1812GRX7RCBN101 Datasheet HTML 6Page - YAGEO Corporation CC1812GRX7RCBN101 Datasheet HTML 7Page - YAGEO Corporation CC1812GRX7RCBN101 Datasheet HTML 8Page - YAGEO Corporation CC1812GRX7RCBN101 Datasheet HTML 9Page - YAGEO Corporation CC1812GRX7RCBN101 Datasheet HTML 10Page - YAGEO Corporation CC1812GRX7RCBN101 Datasheet HTML 11Page - YAGEO Corporation CC1812GRX7RCBN101 Datasheet HTML 12Page - YAGEO Corporation CC1812GRX7RCBN101 Datasheet HTML 13Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
High-Voltage
NP0
/X7R 1 KV to 3 KV
www.yageo.com
Aug 08, 2011 V.4
Surface-Mount Ceramic Multilayer Capacitors
9
16
Product specification
Table 5
THICKNESS CLASSES AND PACKING QUANTITY
Ø180 MM / 7 INCH
Ø330 MM / 13 INCH
SIZE
CODE
THICKNESS
CLASSIFICATION
TAPE WIDTH
QUANTITY PER REEL
Paper
Blister
Paper
Blister
QUANTITY
PER BULK CASE
0201
0.3 ±0.03 mm
8 mm
15,000
---
50,000
---
---
0402
0.5 ±0.05 mm
8 mm
10,000
---
50,000
---
50,000
0603
0.8 ±0.1 mm
8 mm
4,000
---
15,000
---
15,000
0.6 ±0.1 mm
8 mm
4,000
---
20,000
---
10,000
0.8 / 0.85 ±0.1 mm
8 mm
4,000
---
15,000
---
8,000
1.00 ±0.1 mm
8 mm
---
3,000
---
10,000
---
0805
1.25 ±0.2 mm
8 mm
---
3,000
---
10,000
5,000
0.6 ±0.1 mm
8 mm
4,000
---
20,000
---
---
0.8 / 0.85 ±0.1 mm
8 mm
4,000
---
15,000
---
---
1.00 / 1.15 ±0.1 mm
8 mm
---
3,000
---
10,000
---
1.25 ±0.2 mm
8 mm
---
3,000
---
10,000
---
1.6 ±0.15 mm
8 mm
---
2,500
---
10,000
---
1206
1.6 ±0.2 mm
8 mm
---
2,000
---
10,000
---
0.6 / 0.7 ±0.1 mm
8 mm
---
4,000
---
15,000
---
0.85 ±0.1 mm
8 mm
---
4,000
---
10,000
---
1.15 ±0.1 mm
8 mm
---
3,000
---
10,000
---
1.15 ±0.15 mm
8 mm
---
3,000
---
10,000
---
1.25 ±0.2 mm
8 mm
---
3,000
---
---
---
1.5 ±0.1 mm
8 mm
---
2,000
---
---
---
1.6 / 1.9 ±0.2 mm
8 mm
---
2,000
---
---
---
2.0 ±0.2 mm
8 mm
---
2,000
1,000
---
---
---
1210
2.5 ±0.2 mm
8 mm
---
1,000
500
---
---
---
1.15 ±0.15 mm
12 mm
---
3,000
---
---
---
1.25 ±0.2 mm
12 mm
---
3,000
---
---
---
1.35 ±0.15 mm
12 mm
---
2,000
---
---
---
1.5 ±0.1 mm
12 mm
---
2,000
---
---
---
1.6 ±0.2 mm
12 mm
---
2,000
---
---
---
1808
2.0 ±0.2 mm
12 mm
---
2,000
---
---
---
0.6 / 0.85 ±0.1 mm
12 mm
---
2,000
---
---
---
1.15 ±0.1 mm
12 mm
---
1,000
---
---
---
1.15 ±0.15 mm
12 mm
---
1,000
---
---
---
1.25 ±0.2 mm
12 mm
---
1,000
---
---
---
1.35 ±0.15 mm
12 mm
---
1,000
---
---
---
1.5 ±0.1 mm
12 mm
---
1,000
---
---
---
1.6 ±0.2 mm
12 mm
---
1,000
---
---
---
2.0 ±0.2 mm
12 mm
---
1,000
---
---
---
1812
2.5 ±0.2 mm
12 mm
---
500
---
---
---


Similar Part No. - CC1812GRX7RCBN101

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC1812GRX7RCBN103 YAGEO-CC1812GRX7RCBN103 Datasheet
800Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC1812GRX7RCBN101

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com