Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CKCIAAAA Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CKCIAAAA
Description  GENERAL ELECTRICAL & MECHANICAL SPECIFICATION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CKCIAAAA Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CKCIAAAA Datasheet HTML 1Page - List of Unclassifed Manufacturers CKCIAAAA Datasheet HTML 2Page - List of Unclassifed Manufacturers CKCIAAAA Datasheet HTML 3Page - List of Unclassifed Manufacturers CKCIAAAA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Lorlin Electronics Ltd, Harwood Industrial Estate, Harwood rd, Littlehampton, W. Sussex BN17 7AT England
Tel (+44) 01903 725121 Fax (+44) 01903 726808 E-mail sales@lorlin.co.uk | www.lorlin.co.uk
4
CUSTOMER TO COMPLETE OR DELETE AS REQUIRED
A
B
C
IMPERIAL
Ø6.35
Ø9.52 x 32TPI
METRIC
Ø6.00
M10 x 0.75
D
E
F
IMPERIAL
METRIC
INDEXING
INDEXING
INDEXING
INDEXING
1 POLE
2 POLE
3 POLE
4 POLE
POSITIONS
POSITIONS
POSITIONS
POSITIONS
MBB
BBM
SOL
PCB
MBB
BBM
SOL
PCB
MBB
BBM
SOL
PCB
MBB
BBM
SOL
PCB
IMPORTANT!
WAFERS FLATS & SLOTS VIEWED FROM THE FRONT OF SWITCH IN EXTREME ANTICLOCKWISE POSITION (POSITION 1)
SPECIAL REQUIREMENTS
OPTIONS
Stops are adjustable 2-12 positions. Continuous rotation (No Stops) available. Make before break (MBB) or Break before Make (BBM) rotors
available. Solder Tag (SOL) or PCB pin (PCB) – indicate on wafer.
CUSTOMER:
DATE:
CUSTOMER REFERENCE NUMBER:
CK ROTARY SWITCH
SPECIFICATION SHEET


Similar Part No. - CKCIAAAA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CKC18C103FDGACAUTO KEMET-CKC18C103FDGACAUTO Datasheet
461Kb / 4P
   KC-LINK Auto C0G, Ceramic, 0.01 uF, 1%, 1000 VDC, C0G, SMD, MLCC, Ultra- Stable, Low Loss, High Voltage, Automotive Grade, 1812
CKC18C303KDGLCAUTO KEMET-CKC18C303KDGLCAUTO Datasheet
60Kb / 1P
   KONNEKT KC-LINK Auto C0G, Ceramic, 30 uF, 10%, 1000 VDC, C0G, 2-Chip Standard Orientation.
CKC18C303KDGLCTU KEMET-CKC18C303KDGLCTU Datasheet
59Kb / 1P
   KONNEKT KC-Link, Ceramic, 30 uF, 10%, 1000 VDC, C0G, 2-Chip Standard Orientation.
CKC18C333FWGACAUTO KEMET-CKC18C333FWGACAUTO Datasheet
458Kb / 4P
   KC-LINK Auto C0G, Ceramic, 0.033 uF, 1%, 650 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, High Voltage, Automotive Grade, 1812
CKC18C622JDGACAUTO KEMET-CKC18C622JDGACAUTO Datasheet
461Kb / 4P
   KC-LINK Auto C0G, Ceramic, 6200 pF, 5%, 1000 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, High Voltage, Automotive Grade, 1812
More results

Similar Description - CKCIAAAA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CK1030 ETC2-CK1030 Datasheet
328Kb / 4P
   GENERAL ELECTRICAL & MECHANICAL SPECIFICATION
CK1061 ETC2-CK1061 Datasheet
328Kb / 4P
   GENERAL ELECTRICAL & MECHANICAL SPECIFICATION
logo
Lorlin Electronics Ltd.
GCK LORLIN-GCK Datasheet
707Kb / 2P
   ELECTRICAL & MECHANICAL SPECIFICATION
GCK1024 LORLIN-GCK1024 Datasheet
707Kb / 2P
   ELECTRICAL & MECHANICAL SPECIFICATION
logo
Intel Corporation
NHPXA270C5C312 INTEL-NHPXA270C5C312 Datasheet
1Mb / 126P
   Electrical, Mechanical, and Thermal Specification
LUPXA255A0C200 INTEL-LUPXA255A0C200 Datasheet
1Mb / 40P
   Electrical, Mechanical, and Thermal Specification
GDPXA255A0E400 INTEL-GDPXA255A0E400 Datasheet
1Mb / 40P
   Electrical, Mechanical, and Thermal Specification
PXA270 INTEL-PXA270 Datasheet
1Mb / 126P
   Electrical, Mechanical, and Thermal Specification
LUPXA255A0E400 INTEL-LUPXA255A0E400 Datasheet
1Mb / 40P
   Intel짰 PXA255 Processor Electrical, Mechanical, and Thermal Specification
logo
List of Unclassifed Man...
SRL-5-D-S-2 ETC2-SRL-5-D-S-2 Datasheet
173Kb / 2P
   MECHANICAL SPECIFICATION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com