Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS8550C Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # SS8550C
Description  2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SS8550C Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SS8550C Datasheet HTML 1Page - Fairchild Semiconductor SS8550C Datasheet HTML 2Page - Fairchild Semiconductor SS8550C Datasheet HTML 3Page - Fairchild Semiconductor SS8550C Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, November 2002
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Base-Emitter On Voltage
Figure 5. Collector Output Capacitance
Figure 6. Current Gain Bandwidth Product
-0.4
-0.8
-1.2
-1.6
-2.0
-0.1
-0.2
-0.3
-0.4
-0.5
IB=-4.0mA
IB=-3.5mA
IB=-3.0mA
IB=-2.5mA
IB=-2.0mA
IB=-1.5mA
IB=-1.0mA
IB=-0.5mA
VCE[V], COLLECTOR-EMITTER VOLTAGE
-0.1
-1
-10
-100
-1000
1
10
100
1000
VCE = -1V
IC[mA], COLLECTOR CURRENT
-0.1
-1
-10
-100
-1000
-10
-100
-1000
-10000
VCE(sat)
VBE(sat)
IC=10IB
IC[mA], COLLECTOR CURRENT
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-0.1
-1
-10
-100
VCE = -1V
VBE[V], BASE-EMITTER VOLTAGE
-1
-10
-100
-1000
1
10
100
f=1MHz
IE=0
VCB[V], COLLECTOR-BASE VOLTAGE
-1
-10
-100
-1000
10
100
1000
VCE=-10V
IC[mA], COLLECTOR CURRENT


Similar Part No. - SS8550C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS8550CBU FAIRCHILD-SS8550CBU Datasheet
353Kb / 3P
   SS8550 2W Output Amplifier of Portable Radios in Class B Push-pull Operation
SS8550CBU FAIRCHILD-SS8550CBU Datasheet
628Kb / 1P
   FAIRCHILD Small Signal Transistors
More results

Similar Description - SS8550C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS8050 FAIRCHILD-SS8050_04 Datasheet
43Kb / 4P
   2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
SS8050 FAIRCHILD-SS8050 Datasheet
41Kb / 4P
   2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
SS8550CBU FAIRCHILD-SS8550CBU Datasheet
353Kb / 3P
   SS8550 2W Output Amplifier of Portable Radios in Class B Push-pull Operation
logo
List of Unclassifed Man...
C8550 ETC-C8550 Datasheet
47Kb / 1P
   Transistors 2WOUTPUT AMPLIFIER OF PORTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
logo
E-Tech Electronics LTD
G8050 ETL-G8050 Datasheet
138Kb / 2P
   The G8050 is designed for use in 2W output amplifier of portable radios in class B push-pull operation
G8550 ETL-G8550 Datasheet
138Kb / 2P
   The G8550 is designed for use in 2W output amplifier of portable radios in class B push-pull operation
G8551 ETL-G8551 Datasheet
143Kb / 2P
   The G8551 is designed for use in 2W output amplifier of portable radios in class B push-pull operation.
G8051 ETL-G8051 Datasheet
143Kb / 2P
   The G8051 is designed for use in 2W output amplifier of portable radios in class B push-pull operation
logo
Unisonic Technologies
9013 UTC-9013_11 Datasheet
94Kb / 2P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
logo
List of Unclassifed Man...
2SA9012 ETC-2SA9012 Datasheet
74Kb / 2P
   1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH PULL OPERATION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com