Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH73-101 Datasheet(PDF) 5 Page - Linear Technology

Part # CDRH73-101
Description  500mA Low Voltage Step-Down Synchronous
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

CDRH73-101 Datasheet(HTML) 5 Page - Linear Technology

  CDRH73-101 Datasheet HTML 1Page - Linear Technology CDRH73-101 Datasheet HTML 2Page - Linear Technology CDRH73-101 Datasheet HTML 3Page - Linear Technology CDRH73-101 Datasheet HTML 4Page - Linear Technology CDRH73-101 Datasheet HTML 5Page - Linear Technology CDRH73-101 Datasheet HTML 6Page - Linear Technology CDRH73-101 Datasheet HTML 7Page - Linear Technology CDRH73-101 Datasheet HTML 8Page - Linear Technology CDRH73-101 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1504A
TEST CIRCUITS
IMAX
SHDN
SS
COMP
VCC
GND
SW
FB/SENSE
+
CIN
100
µF
VCC
NC
0.01
µF
+
COUT
220
µF
VOUT
LEXT
47
µH
CIN: AVX TPSE107M016R0125
COUT: SANYO 16CV220GX
LEXT: COILCRAFT D03316-473
1504A • TC01
LTC1504A
1
µF
0.1
µF
220pF
7.5k
Figure 1
+
VREF
LTC1504A
COMP
FB/SENSE
A
B
A: TEST VOL, IOL
B: TEST VOH, IOH
1504A • TC02
Figure 2
BLOCK DIAGRAM
Figure 3. Block Diagram
+
+–
FB
–+
ILIM
+
1.265V
12
µA
12
µA
PWM
12.6k
20.4k
Q1
Q2
SW
FB
(ADJ ONLY)
SENSE
(–3.3V ONLY)
SAW
IMAX
SS
COMP
SHDN
1504A • BD
VREF
VCC
TO INTERNAL BLOCKS
APPLICATIONS INFORMATION
OVERVIEW
The LTC1504A is a complete synchronous switching
regulator controller (see Block Diagram). It includes two
on-chip 1.3
Ω power MOSFETs, eliminating the need for
external power devices and minimizing external parts
count. The internal switches are set up as a synchronous
buck converter with a P-channel device (Q1) from the
input supply to the switching node and an N-channel
device (Q2) as the synchronous rectifier device from the
switching node to ground. An external inductor, input and


Similar Part No. - CDRH73-101

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
CDRH73-101 ECM-CDRH73-101 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
logo
AIT Components Ltd.
CDRH73-101 AITCOMPONENTS-CDRH73-101 Datasheet
34Kb / 1P
   CDRH73 SMD POWER INDUCTOR
More results

Similar Description - CDRH73-101

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1504A LINER-LTC1504A_15 Datasheet
113Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504 LINER-LTC1504 Datasheet
249Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504 LINER-LTC1504_15 Datasheet
261Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504A LINER-LTC1504A Datasheet
132Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
logo
Linear Integrated Syste...
LTC3542EDC LINEAR-LTC3542EDC Datasheet
199Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down
logo
Linear Technology
LTC3630AEMSE LINER-LTC3630AEMSE Datasheet
312Kb / 8P
   High Efficiency High Voltage 500mA Synchronous Step-Down Converter
logo
Unisonic Technologies
UC3655 UTC-UC3655_11 Datasheet
302Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655 Datasheet
277Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655_14 Datasheet
355Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Torex Semiconductor
XC9215 TOREX-XC9215 Datasheet
239Kb / 21P
   500mA Synchronous Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com