Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1310 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1310
Description  Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1310 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1310 Datasheet HTML 4Page - Linear Technology LT1310 Datasheet HTML 5Page - Linear Technology LT1310 Datasheet HTML 6Page - Linear Technology LT1310 Datasheet HTML 7Page - Linear Technology LT1310 Datasheet HTML 8Page - Linear Technology LT1310 Datasheet HTML 9Page - Linear Technology LT1310 Datasheet HTML 10Page - Linear Technology LT1310 Datasheet HTML 11Page - Linear Technology LT1310 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LT3580
8
3580fg
Setting Output Voltage
The output voltage is set by connecting a resistor (RFB)
from VOUT to the FB pin. RFB is determined from the
following equation:
R
FB =
|V
OUT − VFB |
83.3µA
where VFB is 1.215V (typical) for non-inverting topologies
(i.e., boost and SEPIC regulators) and 5mV (typical) for
inverting topologies (see the Electrical Characteristics).
Power Switch Duty Cycle
In order to maintain loop stability and deliver adequate
current to the load, the power NPN (Q1 in the Block Dia-
gram) cannot remain “on” for 100% of each clock cycle.
The maximum allowable duty cycle is given by:
DC
MAX =
(T
P − Min Off Time)
T
P
• 100%
where TP is the clock period and Min Off Time (found in
the Electrical Characteristics) is typically 60ns.
The application should be designed so that the operating
duty cycle does not exceed DCMAX.
Duty cycle equations for several common topologies are
given below, where VD is the diode forward voltage drop
and VCESAT is typically 300mV at 1.5A.
For the boost topology:
DC
V
OUT − VIN + VD
V
OUT + VD − VCESAT
For the SEPIC or dual inductor inverting topology (see
Figures 1 and 2):
DC
V
D + |VOUT |
V
IN + |VOUT | + VD − VCESAT
The LT3580 can be used in configurations where the duty
cycle is higher than DCMAX, but it must be operated in the
discontinuous conduction mode so that the effective duty
cycle is reduced.
APPLICATIONS INFORMATION
Inductor Selection
General Guidelines: The high frequency operation of the
LT3580 allows for the use of small surface mount inductors.
For high efficiency, choose inductors with high frequency
core material, such as ferrite, to reduce core losses. To
improve efficiency, choose inductors with more volume
for a given inductance. The inductor should have low
DCR (copper wire resistance) to reduce I2R losses, and
must be able to handle the peak inductor current without
saturating. Note that in some applications, the current
handling requirements of the inductor can be lower, such
as in the SEPIC topology, where each inductor only carries
a fraction of the total switch current. Molded chokes or chip
inductors usually do not have enough core area to sup-
port peak inductor currents in the 2A to 3A range. To
minimize radiated noise, use a toroidal or shielded inductor.
Note that the inductance of shielded types will drop more
as current increases, and will saturate more easily. See
Table 1 for a list of inductor manufacturers. Thorough lab
evaluation is recommended to verify that the following
guidelines properly suit the final application.
Table 1.Inductor Manufacturers
Coilcraft
DO3316P, MSS7341 and LPS4018
Series
www.coilcraft.com
Coiltronics DR, LD and CD Series
www.coiltronics.com
Murata
LQH55D and LQH66S Series
www.murata.com
Sumida
CDRH5D18B/HP, CDR6D23MN,
CDRH6D26/HP, CDRH6D28,
CDR7D28MN and CDRH105R Series
www.sumida.com
TDK
RLF7030 and VLCF4020 Series
www.tdk.com
Würth
WE-PD and WE-PD2 Series
www.we-online.com
Minimum Inductance: Although there can be a tradeoff with
efficiency, it is often desirable to minimize board space by
choosing smaller inductors. When choosing an inductor,
there are two conditions that limit the minimum inductance;
(1) providing adequate load current, and (2) avoidance of
subharmonic oscillation. Choose an inductance that is high
enough to meet both of these requirements.
Adequate Load Current : Small value inductors result in
increased ripple currents and thus, due to the limited peak
switch current, decrease the average current that can be


Similar Part No. - LT1310

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1310 LINER-LT1310 Datasheet
376Kb / 12P
   1.5A Boost DC/DC Converter with Phase-Locked Loop
LT1310 LINER-LT1310 Datasheet
380Kb / 12P
   1.5A Boost DC/DC Converter with Phase-Locked Loop
LT1310EMSE LINER-LT1310EMSE Datasheet
376Kb / 12P
   1.5A Boost DC/DC Converter with Phase-Locked Loop
LT1310 LINER-LT1310_15 Datasheet
380Kb / 12P
   1.5A Boost DC/DC Converter with Phase-Locked Loop
More results

Similar Description - LT1310

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3580 LINER-LT3580_15 Datasheet
300Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT3580 LINER-LT3580 Datasheet
460Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT8570 LINER-LT8570_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
LT8570-1 LINER-LT8570-1_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
LT8580 LINER-LT8580 Datasheet
448Kb / 32P
   Boost/SEPIC/Inverting DC/DC Converter with 1A, 65V Switch, Soft-Start and Synchronization
LT8580 LINER-LT8580_15 Datasheet
438Kb / 32P
   Boost/SEPIC/Inverting DC/DC Converter with 1A, 65V Switch, Soft-Start and Synchronization
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT3489 LINER-LT3489 Datasheet
219Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT3489 LINER-LT3489_15 Datasheet
225Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com