Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPT9713BIP Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # SPT9713BIP
Description  12-BIT, 100 MWPS TTL D/A CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT9713BIP Datasheet(HTML) 5 Page - Fairchild Semiconductor

  SPT9713BIP Datasheet HTML 1Page - Fairchild Semiconductor SPT9713BIP Datasheet HTML 2Page - Fairchild Semiconductor SPT9713BIP Datasheet HTML 3Page - Fairchild Semiconductor SPT9713BIP Datasheet HTML 4Page - Fairchild Semiconductor SPT9713BIP Datasheet HTML 5Page - Fairchild Semiconductor SPT9713BIP Datasheet HTML 6Page - Fairchild Semiconductor SPT9713BIP Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
2/15/01
SPT9713
Figure 1 – Timing Diagram
Latch
Enable
tPWL
tH
tS
tPWH
OUT+
OUT–
1/2 LSB
tST
1 LSB
tD
Data Inputs
15,25
12,21
0.1 µF
0.1 µF
0.001 µF
0.001 µF
+5 V
23
AVEE
RL
RL
14
16
IOut
IOut
RSet
24
RSet
19
20
Control
Amp In
Ref Out
Control
Amp Out
18
17
20 W
Ref In
D1 (MSB)
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12 (LSB)
LE
28
1
2
3
4
5
6
7
8
9
10
11
26
DGND AGND Ref GND
System
GND
0.1 µF
–5.2 V
VOut
Clock
Input
SPT9713
27
13
22
DVEE
DVCC
0.1 µF
Figure 2 – Typical Interface Circuit


Similar Part No. - SPT9713BIP

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT9713BIP CADEKA-SPT9713BIP Datasheet
137Kb / 7P
   12-BIT, 100 MWPS TTL D/A CONVERTER
More results

Similar Description - SPT9713BIP

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT9713 CADEKA-SPT9713 Datasheet
137Kb / 7P
   12-BIT, 100 MWPS TTL D/A CONVERTER
logo
Fairchild Semiconductor
SPT9712 FAIRCHILD-SPT9712 Datasheet
48Kb / 7P
   12-BIT, 100 MWPS ECL D/A CONVERTER
logo
Cadeka Microcircuits LL...
SPT9712 CADEKA-SPT9712 Datasheet
137Kb / 7P
   12-BIT, 100 MWPS ECL D/A CONVERTER
SPT5310 CADEKA-SPT5310 Datasheet
2Mb / 8P
   12-BIT, 250 MWPS ECL D/A CONVERTER
SPT5510 CADEKA-SPT5510 Datasheet
165Kb / 8P
   16-BIT, 200 MWPS ECL D/A CONVERTER
SPT7920 CADEKA-SPT7920 Datasheet
187Kb / 11P
   12-BIT, 10 MSPS, TTL, A/D CONVERTER
SPT7921 CADEKA-SPT7921 Datasheet
187Kb / 11P
   12-BIT, 20 MSPS, TTL, A/D CONVERTER
SPT7922 CADEKA-SPT7922 Datasheet
192Kb / 11P
   12-BIT, 30 MSPS, TTL, A/D CONVERTER
logo
List of Unclassifed Man...
SPT7920 ETC1-SPT7920 Datasheet
104Kb / 11P
   12-BIT, 10 MSPS, TTL, A/D CONVERTER
SPT7922 ETC-SPT7922 Datasheet
123Kb / 11P
   12-BIT, 30 MSPS, TTL, A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com