Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8025A Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL8025A
Description  Compact Synchronous Buck Regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8025A Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL8025A Datasheet HTML 6Page - Intersil Corporation ISL8025A Datasheet HTML 7Page - Intersil Corporation ISL8025A Datasheet HTML 8Page - Intersil Corporation ISL8025A Datasheet HTML 9Page - Intersil Corporation ISL8025A Datasheet HTML 10Page - Intersil Corporation ISL8025A Datasheet HTML 11Page - Intersil Corporation ISL8025A Datasheet HTML 12Page - Intersil Corporation ISL8025A Datasheet HTML 13Page - Intersil Corporation ISL8025A Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
ISL8025, ISL8025A
10
FN8357.0
February 20, 2013
FIGURE 16. VOUT REGULATION vs LOAD (1MHz, VOUT = 1.8V)
FIGURE 17. VOUT REGULATION vs LOAD (1MHz, VOUT = 2.5V)
FIGURE 18. VOUT REGULATION vs LOAD (1MHz, VOUT = 3.3V)
Typical Operating Performance Unless otherwise noted, operating conditions are: T
A = +25°C, VVIN = 5V,
EN = VIN, SYNC = VIN, L = 1.0µH, C1 = 22µF, C2 = 2 x 22µF, IOUT = 0A to 5A. (Continued)
1.775
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
OUTPUT LOAD (A)
5VIN PFM
5VIN PWM
3.3VIN PWM
3.3VIN PFM
2.465
2.470
2.475
2.480
2.485
2.490
2.495
2.500
2.505
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
OUTPUT LOAD (A)
5VIN PFM
5VIN PWM
3.3VIN PWM
3.3VIN PFM
3.245
3.253
3.261
3.269
3.277
3.285
3.293
3.301
3.309
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
OUTPUT LOAD (A)
5VIN PFM
5VIN PWM


Similar Part No. - ISL8025A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8025A RENESAS-ISL8025A Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
Jun 24, 2022
ISL8025AEVAL3Z RENESAS-ISL8025AEVAL3Z Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
Jun 24, 2022
ISL8025AIRTAJZ RENESAS-ISL8025AIRTAJZ Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
Jun 24, 2022
ISL8025AIRTAJZ-T RENESAS-ISL8025AIRTAJZ-T Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
Jun 24, 2022
ISL8025AIRTAJZ-T7A RENESAS-ISL8025AIRTAJZ-T7A Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
Jun 24, 2022
More results

Similar Description - ISL8025A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8002 RENESAS-ISL8002 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
ISL8025 RENESAS-ISL8025 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
Jun 24, 2022
logo
Intersil Corporation
ISL8002 INTERSIL-ISL8002_13 Datasheet
1Mb / 24P
   Compact Synchronous Buck Regulators
ISL8026 INTERSIL-ISL8026 Datasheet
969Kb / 23P
   Compact Synchronous Buck Regulators
June 26, 2015
logo
Renesas Technology Corp
ISL8026 RENESAS-ISL8026 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
logo
Intersil Corporation
ISL8002 INTERSIL-ISL8002 Datasheet
3Mb / 22P
   Compact Synchronous Buck Regulators
logo
Renesas Technology Corp
ISL78233 RENESAS-ISL78233 Datasheet
1Mb / 21P
   3A and 4A Compact Synchronous Buck Regulators
logo
Intersil Corporation
ISL78233ARZ INTERSIL-ISL78233ARZ Datasheet
994Kb / 18P
   3A and 4A Compact Synchronous Buck Regulators
April 23, 2015
logo
Renesas Technology Corp
ISL8002B RENESAS-ISL8002B Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
ISL8023 RENESAS-ISL8023 Datasheet
1Mb / 20P
   Compact Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com