Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPT8100SIT Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # SPT8100SIT
Description  16-BIT, 5 MSPS CMOS A/D CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT8100SIT Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SPT8100SIT Datasheet HTML 1Page - Fairchild Semiconductor SPT8100SIT Datasheet HTML 2Page - Fairchild Semiconductor SPT8100SIT Datasheet HTML 3Page - Fairchild Semiconductor SPT8100SIT Datasheet HTML 4Page - Fairchild Semiconductor SPT8100SIT Datasheet HTML 5Page - Fairchild Semiconductor SPT8100SIT Datasheet HTML 6Page - Fairchild Semiconductor SPT8100SIT Datasheet HTML 7Page - Fairchild Semiconductor SPT8100SIT Datasheet HTML 8Page - Fairchild Semiconductor SPT8100SIT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
1/9/02
SPT8100
ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur)1 25 °C
Supply Voltages
AVDD ...................................................................... +6 V
DVDD ..................................................................... +6 V
OVDD ..................................................................... +6 V
Input Voltages
Analog Input ................................. –0.5 V to VDD +0.5 V
CLK Input ............................................................... VDD
AVDD – DVDD .................................................. ±100 mV
Delta between AGND, DGND, and OGND ...... ±100 mV
Output
Digital Outputs .................................................... 10 mA
Temperature
Operating Temperature ........................... –40 to +85 °C
Junction Temperature ...................................... +175 °C
Lead Temperature (soldering 10 seconds) ...... +300 °C
Storage Temperature ............................ –65 to +150 °C
Note 1: Operation at any Absolute Maximum Rating is not implied. See
Electrical Specifications for proper nominal applied conditions in
typical applications.
ELECTRICAL SPECIFICATIONS
TA=TMIN to TMAX, AVDD=DVDD=+5.0 V, OVDD= 3.3 V, ƒS=5 MSPS, 2.5 VPP input span, Gain=0 dB, REXT=1.43 kΩ, unless
otherwise specified.
TEST
TEST
SPT8100
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Resolution
15.9
16
Bits
DC Accuracy
Integral Linearity Error (ILE)
V
±1.25
LSB
Differential Linearity Error (DLE)
V
±0.5
LSB
Gain Error1
IV
–7.5
+7.5
%FSR
Offset Error2
IV
–5+5
%FSR
Analog Input (into PGA)
Differential Input Voltage Range
VIN+, VIN
V5
VPPD
Input Capacitance
IV
15
pF
Input Resistance3
PGA Gain = 0 dB
IV
5.5
k
Input Bandwidth4
PGA Gain = 0 dB
V
12
MHz
Input Common Mode Voltage Range
V
1.15
2.40
3.65
V
Programmable Gain Amp
Composite Input-Referred
ƒIN > 300 kHz
Noise Floor
PGA Gain = 0 dB
V
1.4
LSBRMS
PGA Gain = 2.9 dB
V
1.5
LSBRMS
PGA Gain = 5.8 dB
V
1.6
LSBRMS
PGA Gain = 11.8 dB
V
2.0
LSBRMS
PGA Gain = 14.8 dB
V
2.3
LSBRMS
PGA Gain = 17.5 dB
V
2.6
LSBRMS
PGA Gain = 19.5 dB
V
2.8
LSBRMS
PGA Range
V
19.5
dB
PGA Gain Steps3
VI
0,2.9,5.8,11.8,14.8,17.5,19.5
dB
PGA Gain Accuracy
VI
±0.3
dB
Conversion Characteristics
Maximum Conversion Rate
VI
5
MSPS
Pipeline Delay (Latency)5
IV
5.5
Clocks
Reset Pulse Time (RS)
IV
3
Clocks
Reset Calibration Time
FS = 5 MSPS
V
150
ms
References and External Bias
VRT – VRB (Internal Ref)
VI
2.375
2.5
2.625
V
Bias Resistor Range (External)
V
800
1430
2500
VCM Output Voltage
IV
2.275
2.40
2.525
V
VCM Output Current
IV
47
µA
VRT
V
3.45
3.65
3.85
V
VRB
V
0.95
1.15
1.35
V
1
Total gain error of PGA and ADC using internal references.
2
Total offset error of PGA and ADC relative to mid-scale.
3
See table I for input resistance as a function of PGA gain.
4
Input bandwidth is a frequency to which the fundamental energy drops by 3 dB
5
The input is sampled on the falling edge of the clock and is available on the
output after the rising edge of the clock, 5.5 clock cycles later.


Similar Part No. - SPT8100SIT

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT8100SIT CADEKA-SPT8100SIT Datasheet
180Kb / 10P
   16-BIT, 5 MSPS CMOS A/D CONVERTER
More results

Similar Description - SPT8100SIT

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT8100 CADEKA-SPT8100 Datasheet
180Kb / 10P
   16-BIT, 5 MSPS CMOS A/D CONVERTER
logo
ELAN Microelectronics C...
EM19101 EMC-EM19101 Datasheet
105Kb / 6P
   8-BIT 5 MSPS A/D CONVERTER (CMOS)
logo
Analog Devices
AD768 AD-AD768 Datasheet
334Kb / 20P
   16-Bit, 30 MSPS D/A Converter
REV. B
AD768ARZ AD-AD768ARZ Datasheet
252Kb / 20P
   16-Bit, 30 MSPS D/A Converter
REV. B
AD10677 AD-AD10677_15 Datasheet
625Kb / 20P
   16-Bit, 65 MSPS A/D Converter
Rev. D
AD9726 AD-AD9726 Datasheet
613Kb / 24P
   16-Bit, 600 MSPS D/A Converter
REV. A
AD10678 AD-AD10678 Datasheet
673Kb / 10P
   16-Bit, 80 MSPS A/D Converter
REV. A
logo
Intersil Corporation
HI5804 INTERSIL-HI5804 Datasheet
64Kb / 11P
   12-Bit, 5 MSPS A/D Converter
logo
Analog Devices
AD10677 AD-AD10677 Datasheet
643Kb / 10P
   16-Bit, 65 MSPS A/D Converter
REV. B
AD768 AD-AD768_15 Datasheet
337Kb / 20P
   16-Bit, 30 MSPS D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com